Electronic Components Datasheet Search
  English  ▼

X  

MP3429 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3429
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3429 Datasheet HTML 9Page - Monolithic Power Systems MP3429 Datasheet HTML 10Page - Monolithic Power Systems MP3429 Datasheet HTML 11Page - Monolithic Power Systems MP3429 Datasheet HTML 12Page - Monolithic Power Systems MP3429 Datasheet HTML 13Page - Monolithic Power Systems MP3429 Datasheet HTML 14Page - Monolithic Power Systems MP3429 Datasheet HTML 15Page - Monolithic Power Systems MP3429 Datasheet HTML 16Page - Monolithic Power Systems MP3429 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
13
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Converter switch. SW is connected to the drain of the internal low-side power MOSFET and
the source of the internal high-side synchronous power MOSFET. Connect the power inductor
to SW.
2
VDD
Internal bias supply. Decouple VDD
with a 4.7μF ceramic capacitor placed as close to VDD
as possible. When VIN is higher than 3.4V, VDD is powered by VIN. Otherwise, VDD is
powered by the higher voltage of either VIN or VOUT. If the bias voltage connected to VDD is
higher than 3.4V, the regulator from VIN and VOUT is disabled. The VDD regulator starts
working when VIN is higher than about 0.9V if EN is high. Supply VIN with a power source
higher than 2.7V during VIN start-up to provide enough VDD power voltage.
3
SS
Soft-start programming. Place a capacitor from SS to AGND to set the VOUT rising slew
rate.
4
COMP
Internal error amplifier output. Connect a capacitor and resistor in series from COMP to
AGND for loop compensation.
5
FB
Feedback input. Connect a resistor divider from VOUT to FB.
6
AGND
Analog ground.
7
PGND
Power ground.
8
VOUT
Output. VOUT is connected to the drain of the high-side MOSFET. VOUT powers VDD when
VOUT is higher than VIN and VIN is lower than 3.4V.
9
FTY
Factory use only. FTY must be connected to GND in the application.
10
MODE
MODE selection. If MODE is floating, the MP3429 works in ultrasonic mode (USM). If MODE
is high, the MP3429 works in forced continuous conduction mode (FCCM). If MODE is low, the
MP3429 works in pulse-skip mode (PSM). MODE must always be higher than 0.2V in the
application, even if in PSM. Place a
130kΩ + 20kΩ resistor divider from VDD to MODE to set
the MP3429 in PSM.
11
EN
Chip enable control. When not in use, connect EN to VIN for automatic start-up. EN can
program the VIN UVLO. Do not leave EN floating.
12
VIN
Input supply. VIN must be bypassed locally. Supply VIN with a power source higher than 2.7V
during VIN start-up to provide enough VDD power voltage.
13
BST
Bootstrap. A capacitor between BST and SW powers the synchronous HS-FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com