Electronic Components Datasheet Search
  English  ▼

X  

LE-A-H3W Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LE-A-H3W
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-H3W Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LE-A-H3W Datasheet HTML 4Page - OSRAM GmbH LE-A-H3W Datasheet HTML 5Page - OSRAM GmbH LE-A-H3W Datasheet HTML 6Page - OSRAM GmbH LE-A-H3W Datasheet HTML 7Page - OSRAM GmbH LE-A-H3W Datasheet HTML 8Page - OSRAM GmbH LE-A-H3W Datasheet HTML 9Page - OSRAM GmbH LE-A-H3W Datasheet HTML 10Page - OSRAM GmbH LE-A-H3W Datasheet HTML 11Page - OSRAM GmbH LE-A-H3W Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
8
Durchlassstrom pro Chip
2) Seite 19
Forward Current per chip
2) page 19
I
F = f (VF); TA = 25 °C; LE A H3W
Relative Lichtstärke
2) 6) Seite 19
Relative Luminous Intensity
2) 6) page 19
Ι
V/ΙV(1 A) = f (IF<1A); TA = 25 °C; tP=1ms, D=0,0003
LE A H3W
Durchlassstrom pro Chip
2) Seite 19
Forward Current per chip
2) page 19
I
F = f (VF); TA = 25 °C; LE T H3W; LE B H3W
Relative Lichtstärke
2) 6) Seite 19
Relative Luminous Intensity
2) 6) page 19
Ι
V/ΙV(1 A) = f (IF>1A); TA = 25 °C; tP=1ms, D=0,0003
LE A H3W
OHL02995
A
-2
10
I
F
5
10
-1
5
0
10
1
10
(1 A)
I
I
V
V
-2
10
5 10 -1
5
0
10
1
10
1
1.0
OHL03005
F
I
1.2
1.4
1.6
1.8
2
A
1.1
1.2
1.3
1.4
1.5
1.7
V
(1 A)
V
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com