Electronic Components Datasheet Search
  English  ▼

X  

LE-A-H3W Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LE-A-H3W
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-H3W Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LE-A-H3W Datasheet HTML 6Page - OSRAM GmbH LE-A-H3W Datasheet HTML 7Page - OSRAM GmbH LE-A-H3W Datasheet HTML 8Page - OSRAM GmbH LE-A-H3W Datasheet HTML 9Page - OSRAM GmbH LE-A-H3W Datasheet HTML 10Page - OSRAM GmbH LE-A-H3W Datasheet HTML 11Page - OSRAM GmbH LE-A-H3W Datasheet HTML 12Page - OSRAM GmbH LE-A-H3W Datasheet HTML 13Page - OSRAM GmbH LE-A-H3W Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
10
Dominante Wellenlänge
2) Seite 19
Dominant Wavelength
2) page 19
λ
dom = f (IF); TA = 25 °C; LE B H3W
Relative Vorwärtsspannung
2) Seite 19
Relative Forward Voltage
2) page 19
ΔV
F = VF - VF(25 °C) = f(Tj); IF= 1 A
LE A H3W
Relative Vorwärtsspannung
2) Seite 19
Relative Forward Voltage
2) page 19
ΔV
F = VF - VF(25 °C) = f(Tj); IF= 1 A
LE T H3W; LE B H3W
-0.20
T
j
OHL03738
V
F
V
Δ
-40
˚C
-20
0
20 40 60 80
120
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.30
-0.4
T
j
OHL03737
V
F
V
Δ
-40
˚C
-20
0
20 40 60 80
120
-0.3
-0.2
-0.1
0
0.1
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com