Electronic Components Datasheet Search
  English  ▼

X  

LE-A-H3W Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LE-A-H3W
Description  compact lightsource in multi chip on board technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-A-H3W Datasheet(HTML) 3 Page - OSRAM GmbH

  LE-A-H3W Datasheet HTML 1Page - OSRAM GmbH LE-A-H3W Datasheet HTML 2Page - OSRAM GmbH LE-A-H3W Datasheet HTML 3Page - OSRAM GmbH LE-A-H3W Datasheet HTML 4Page - OSRAM GmbH LE-A-H3W Datasheet HTML 5Page - OSRAM GmbH LE-A-H3W Datasheet HTML 6Page - OSRAM GmbH LE-A-H3W Datasheet HTML 7Page - OSRAM GmbH LE-A-H3W Datasheet HTML 8Page - OSRAM GmbH LE-A-H3W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LE A H3W, LE T H3W, LE B H3W
2010-03-03
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
amber
true
green
blue
Betriebstemperatur*
Operating temperature range*
T
board, op
– 40 … + 85
°C
Lagertemperatur
Storage temperature range
T
board, stg
– 40 … + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
125
°C
Durchlassstrom pro Chip DC
Forward current per chip DC
(
T
board =25°C)
I
F
1000
mA
Stoßstrom pro Chip DC
Surge current per chip DC
t
≤ 10 μs, D = 0.1; T
A=25°C
I
FM
2000
mA
Sperrspannung pro Chip DC
Reverse voltage per chip DC
(
T
board=25°C)
V
R
0.5
V
Sperrstrom pro Chip DC
Reverse current per chip DC
V
R = 0.5 V
I
R
10
mA
* Eine Betauung des Moduls muss vermieden werden.
Condensation on the module has to be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com