Electronic Components Datasheet Search
  English  ▼

X  

MP4060 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 14Page - Monolithic Power Systems MP4060 Datasheet HTML 15Page - Monolithic Power Systems MP4060 Datasheet HTML 16Page - Monolithic Power Systems MP4060 Datasheet HTML 17Page - Monolithic Power Systems MP4060 Datasheet HTML 18Page - Monolithic Power Systems MP4060 Datasheet HTML 19Page - Monolithic Power Systems MP4060 Datasheet HTML 20Page - Monolithic Power Systems MP4060 Datasheet HTML 21Page - Monolithic Power Systems MP4060 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
18
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 6—Leading-edge blanking
Output Over-Voltage Protection (OVP)
Output over-voltage protection (OVP) prevents
the components from over-voltage damage. The
voltage of the auxiliary winding positive plateau is
proportional to the output voltage, so the OVP
block monitors this auxiliary winding voltage to
apply an OVP function (see Figure 7). Once ZCD
voltage exceeds VZCD_OVP, the OVP signal is
triggered, the gate driver turns off, and the IC
works in quiescent current mode. When the VCC
voltage drops below the UVLO threshold, the IC
shuts down and the system re-starts. The output
OVP set point is calculated with Equation (2):
⋅⋅
=
+
aux
ZCD2
out _ ovp
ZCD _ OVP
sec
ZCD1
ZCD2
NR
VV
NR
R
(2)
Where:
VOUT_OVP is the output OVP threshold,
NAUX is the turns of the auxiliary winding, and
NSEC is the turns of the secondary winding.
Figure 7—OVP sampling circuit
To avoid switch-off spikes mis-triggering OVP,
OVP sampling has a tOVP_LEB blanking period (see
Figure 8).
Figure 8—ZCD voltage & OVP sampling
Cycle-by-Cycle Current Limit
There is cycle-by-cycle current limit on S. When
the voltage on S reaches VS_CLAMP_H (after a
blanking time), the switching turns off to limit the
peak current value.
Primary Over-Current Protection (OCP)
S has an internally integrated comparator for
primary side OCP. When the gate is on, the
comparator is enabled. Over-current occurs
when VS exceeds VOCP after a blanking time. The
IC shuts down and re-starts after VCC drops
below UVLO. The OCP function block diagram is
shown in Figure 9.
S
D
tLEB_OCP
OCP
VOCP
Gate
Rs
ILm
latch
Blanking
Figure 9—Over-current protection circuit
LED Short-Circuit Protection (SCP)
When an LED short circuit occurs, the IC reduces
the switching frequency to 7 kHz. The the output
power at this condition is limited within a safe
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com