| Electronic Components Datasheet Search |
|
MP4060 Datasheet(PDF) 20 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4060 Datasheet(HTML) 20 Page - Monolithic Power Systems |
|
20 / 25 page ![]() MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs MP4060 Rev. 1.0 www.MonolithicPower.com 20 5/27/2015 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2015 MPS. All Rights Reserved. For trailing-edge dimmers, the waveforms are shown in Figure 13. Figure 13—Trailing-edge dimmer waveforms The MP4060 detects the dimming turn-on cycle through MULT. Based on the turn-on cycle, the control circuitry adjusts the internal reference voltage. MULT voltage exceeding VMULT_ON is recognized as a dimmer turn-on signal. MULT voltage below VMULT_OFF is recognized as a dimmer turn-off signal. The MP4060 has a 30 percent line-cycle-detection blanking time at each line cycle. The real phase detector output is added to this blanking time to determine the reference voltage. If it is higher than 100 percent, the reference voltage is clamped to 100 percent (see Figure 14). This means if the turn-on cycle exceeds 70 percent of the line cycle, the reference maintains the maximum value, which means the maximum output current with different dimmers is almost the same as the rated output current. Figure14—Dimming turn-on cycle detector The internal reference voltage decreases when the turn-on cycle decreases to less than 70 percent of the line cycle, lowering the output current. As the dimming turn-on cycle decreases, the COMP voltage decreases. For a leading- edge dimmer, once the COMP voltage reaches VCOMPL_LD, it is clamped. The output current decreases slowly to maintain the TRIAC holding current and avoid random flicker. Figure15 shows the relationship between the leading-edge dimming turn-on phase and the output current. Figure 15—Leading-edge dimming curve For a trailing-edge dimmer, there is no holding current. The COMP voltage is clamped at a lower level (VCOML_TL) to get a deeper dimming depth. Figure 16 shows the relationship between the trailing-edge dimming turn-on phase and the output current. Figure 16:—Trailing-edge dimming curve Dimming Pull-Down Current Source There are three kinds of dimming pull-down current sources in MP4060. The IDP_TL current source is for trailing-edge dimming, the other two (weak/strong) current sources are for leading- edge dimming. The dimming pull-down current is used to pull down the rectified line voltage to zero quickly to avoid a mis-detection on MULT. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |