Electronic Components Datasheet Search
  English  ▼

X  

MP4060 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4060 Datasheet HTML 1Page - Monolithic Power Systems MP4060 Datasheet HTML 2Page - Monolithic Power Systems MP4060 Datasheet HTML 3Page - Monolithic Power Systems MP4060 Datasheet HTML 4Page - Monolithic Power Systems MP4060 Datasheet HTML 5Page - Monolithic Power Systems MP4060 Datasheet HTML 6Page - Monolithic Power Systems MP4060 Datasheet HTML 7Page - Monolithic Power Systems MP4060 Datasheet HTML 8Page - Monolithic Power Systems MP4060 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP4060
TRIAC Dimmable PFC, Primary Side Control
LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
1
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4060 is a TRIAC-dimmable, primary
side control LED controller enables single stage
AC to DC LED driver with excellent dimming
performance. The dimming control method is
optimized for high input AC voltages ranging
from 200VAC to 265VAC.
The
MP4060
implements
power-factor
correction and works in boundary-conduction
mode to reduce MOSFET switching losses.
The adaptive dimmer type detection and phase-
cut-based dimming control achieves good
dimmer compatibility and a deep dimming
range.
The active bleeder control circuit is integrated in
BD pin to simplify the external bleeder design.
The MP4060 has an integrated charging circuit
at the supply pin for fast start-up without a
perceptible delay.
With the unique control of the driver DIM pin,
the MP4060 supports color temperature and
brightness control for warm sunset dimming
application.
The MP4060 has multiple protection features
that greatly enhance system reliability and
safety including output over-voltage protection,
output short-circuit protection, winding short-
circuit protection, integrated thermal foldback,
supply-pin under-voltage lockout, and over-
temperature
protection.
All
of
the
fault
protections feature auto-restart.
The MP4060 is available in SOIC-8 / MSOP-10
packages.
FEATURES
• Optimized for high line input 200-265VAC
• Primary-Side-Control without Requiring a
Secondary-Side Feedback Circuit
• Adaptive Dimmer Type Detection and
Phase-Cut-Based Dimming Control
• Active Bleeder Control Circuit Integrated
• Good Dimmer Compatibility and Deep
Dimming Range
• Fast Start-Up without Perceptible Delay
• Integrated Thermal Current Foldback to
Prolong the LED Lifetime
• Color Temperature and Brightness Control
for Warm Sunset Dimming Application
• Accurate Line & Load Regulation
• High Power Factor
• Operates in Boundary Conduction Mode
• Cycle-by-Cycle Current Limit
• Winding Short-Circuit Protection
• Output Over-Voltage Protection
• Output Short-Circuit Protection
• Over-Temperature Protection
• Available in SOIC-8 / MSOP-10 Packages
APPLICATIONS
• Solid-State Lighting up to 50 W
• Industrial and Commercial Lighting
• Residential Lighting
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4060

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP406 MCC-MP406 Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP406 MCC-MP406 Datasheet
232Kb / 3P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP4068 MPS-MP4068 Datasheet
745Kb / 20P
Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
MP4068GN MPS-MP4068GN Datasheet
745Kb / 20P
Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
MP4068GS MPS-MP4068GS Datasheet
745Kb / 20P
Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
More results

Similar Description - MP4060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3447 TI1-LM3447 Datasheet
554Kb / 25P
Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
logo
Fairchild Semiconductor
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
logo
Diodes Incorporated
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Rev 2
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
EV4033-K-00A MPS-EV4033-K-00A Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com