Electronic Components Datasheet Search
  English  ▼

X  

MP4060 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 2Page - Monolithic Power Systems MP4060 Datasheet HTML 3Page - Monolithic Power Systems MP4060 Datasheet HTML 4Page - Monolithic Power Systems MP4060 Datasheet HTML 5Page - Monolithic Power Systems MP4060 Datasheet HTML 6Page - Monolithic Power Systems MP4060 Datasheet HTML 7Page - Monolithic Power Systems MP4060 Datasheet HTML 8Page - Monolithic Power Systems MP4060 Datasheet HTML 9Page - Monolithic Power Systems MP4060 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
6
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (Continued)
Typical values are VCC = 20 V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20 V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VMULT rising edge:
VMULT_PK ≥ 0.58 V;
VMULT falling edge:
VMULT_PK ≥ 0.5 V
0.43
0.45
0.47
V
VMULT rising edge:
0.58 V > VMULT_PK ≥ 0.53 V;
VMULT falling edge:
0.5 V > VMULT_PK ≥ 0.45 V
0.38
0.4
0.42
V
VMULT rising edge:
0.53 V > VMULT_PK ≥ 0.48 V
(6);
VMULT falling edge:
0.45 V > VMULT_PK ≥ 0.4 V
(6)
0.35
V
VMULT rising edge:
0.48 V > VMULT_PK ≥ 0.43 V
(6);
VMULT falling edge:
0.4 V > VMULT_PK ≥ 0.35 V
(6)
0.3
V
Trailing-edge dimming
detection high threshold
VMULT_TL_HIGH
VMULT rising edge:
0.43 V > VMULT_PK ≥ 0.38 V
(6);
VMULT falling edge:
0.35 V > VMULT_PK ≥ 0.3 V
(6)
0.25
V
Trailing-edge dimming
detection high threshold
hysteresis
VMULT_TL_H_HYS
80
mV
Trailing-edge dimming
detection low threshold
VMULT_TL_LOW VMULT falling edge
0.08
0.1
0.12
V
Leading-edge dimmer detection
time
tLD
VMULT rising edge
86
100
134
μs
Leading-edge dimmer detection
time hysteresis
tLD_HYS
(7)
When leading-edge
dimming mode exits
160
μs
Trailing-edge dimmer
detection time
tTL
VMULT falling edge
388
450
602
μs
Error amplifier
Reference voltage
VREF
0.4
0.414
0.428
V
Transconductance
GEA
(7)
130
µA/V
VCOMPL_LD
Leading-edge dimmer
1.83
1.88
1.94
V
VCOMPL_TL
Trailing-edge dimmer
1.53
1.58
1.64
V
COMP lower clamp voltage
VCOMPL_N
Without dimmer
1.53
1.58
1.64
V
Max source current
ICOMP+
57
µA
Max sink current
ICOMP-
-200
µA
ISINK_DIM_LD
Leading-edge dimmer
-85.5
µA
Sink current at TRIAC dimming
off
ISINK_DIM_TL
Trailing-edge dimmer
-155
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com