Electronic Components Datasheet Search
  English  ▼

X  

MP8762H Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8762H Datasheet HTML 12Page - Monolithic Power Systems MP8762H Datasheet HTML 13Page - Monolithic Power Systems MP8762H Datasheet HTML 14Page - Monolithic Power Systems MP8762H Datasheet HTML 15Page - Monolithic Power Systems MP8762H Datasheet HTML 16Page - Monolithic Power Systems MP8762H Datasheet HTML 17Page - Monolithic Power Systems MP8762H Datasheet HTML 18Page - Monolithic Power Systems MP8762H Datasheet HTML 19Page - Monolithic Power Systems MP8762H Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
16
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during ultra light load condition, the values of the
VFB resistors should not be too big, however, that
will decrease the light load efficiency.
Configuring the EN Control
En high to turn on the regulator and EN low to
turn it off. Do not float the pin.
For automatic start-up the EN pin can be pulled
up to input voltage through a resistive voltage
divider. Choose the values of the pull-up resistor
(RUP from VIN pin to EN pin) and the pull-down
resistor(RDOWN from EN pin to GND) to determine
the automatic start-up voltage:
)
(
)
(
5
.
1
V
R
R
R
V
DOWN
DOWN
UP
START
IN
+
×
=
−
(11)
For example, for RUP=100k
and RDOWN=51k ,
the VIN-START is set at 4.44V.
To avoid noise, a 10nF ceramic capacitor from
EN to GND is recommended.
There is an internal zener diode on the EN pin,
which clamps the EN pin voltage to prevent it
from running away. The maximum pull up current
assuming a worst case 6V internal zener clamp
should be less than 1mA.
Therefore, when EN is driven by an external logic
signal, the EN voltage should be lower than 6V;
when EN is connected with VIN through a pull-up
resistor or a resistive voltage divider, the
resistance selection should ensure the maximum
pull up current less than 1mA.
If using a resistive voltage divider and VIN higher
than 6V, the allowed minimum pull-up resistor
RUP should meet the following equation:
IN
UP
DOWN
V
6V
6V
1mA
R
R
−
−
≤
(12)
Especially, just using the pull-up resistor RUP (the
pull-down resistor is not connected), the VIN-START
is determined by VCC UVLO, and the minimum
resistor value is:
IN
UP
V
6V
R
( )
1mA
−
≥
Ω
(13)
A typical pull-up resistor is 100k .
External VCC bias
An external 5V VCC bias can disable the internal
LDO, in this case, Vin can be as low as 2.5V.
Soft Start
The
MP8762H
employs
soft
start
(SS)
mechanism to ensure smooth output during
power-up. When the EN pin becomes high, an
internal current source (20µA) charges up the SS
capacitor. The SS capacitor voltage takes over
the REF voltage to the PWM comparator. The
output voltage smoothly ramps up with the SS
voltage. Once the SS voltage reaches the same
level as the REF voltage, it keeps ramping up
while VREF takes over the PWM comparator. At
this point, the soft start finishes and it enters into
steady state operation.
The SS capacitor value can be determined as
follows:
(
)
(
)
(
)
( )
×
µ
=
SS
SS
SS
REF
T
ms
I
A
C
nF
V
V
(14)
If the output capacitors have large capacitance
value, it’s not recommended to set the SS time
too small. Otherwise, it’s easy to hit the current
limit during SS.
Pre-Bias Startup
The MP8762H has been designed for monotonic
startup into pre-biased loads. If the output is pre-
biased to a certain voltage during startup, the IC
will disable the switching of both high-side and
low-side switches until the voltage on the soft-
start capacitor exceeds
the sensed output
voltage at the FB pin.
Power Good (PG)
The MP8762H have power-good (PG) output.
The PG pin is the open drain of a MOSFET. It
should be connected to VCC or other voltage
source that is less 5.5V through a pull-up resistor
(e.g. 100k). After VCC is ready, the MOSFET is
turned on so that the PG pin is pulled to GND
before SS is ready. After FB voltage reaches
91% of REF voltage, the PG pin is pulled high
after a 2.5ms delay.
When the FB voltage drops to 80% of REF
voltage or exceeds 120% of the nominal REF
voltage, the PG pin will be pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com