Electronic Components Datasheet Search
  English  ▼

X  

MP8762H Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8762H Datasheet HTML 1Page - Monolithic Power Systems MP8762H Datasheet HTML 2Page - Monolithic Power Systems MP8762H Datasheet HTML 3Page - Monolithic Power Systems MP8762H Datasheet HTML 4Page - Monolithic Power Systems MP8762H Datasheet HTML 5Page - Monolithic Power Systems MP8762H Datasheet HTML 6Page - Monolithic Power Systems MP8762H Datasheet HTML 7Page - Monolithic Power Systems MP8762H Datasheet HTML 8Page - Monolithic Power Systems MP8762H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
3
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................................21V
VSW .......................................-0.3V to VIN + 0.3V
VSW (30ns) ..................................-3V to VIN + 3V
VBST .....................................................VSW + 6V
Enable Current IEN
(2)................................ 2.5mA
All Other Pins................................ –0.3V to +6V
Continuous Power Dissipation (TA=+25°)
(3)
QFN3X4……………………….…..…………2.7W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN .......................... 4.5V to 18V
Output Voltage VOUT.................... 0.611V to 13V
IEN ................................................ 0mA to 1mA
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-16 (3mm×4mm) ............. 46 ....... 9.... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Refer to the section “Configuring the EN Control”.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com