Electronic Components Datasheet Search
  English  ▼

X  

MP8762H Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP8762H Datasheet HTML 28Page - Monolithic Power Systems MP8762H Datasheet HTML 29Page - Monolithic Power Systems MP8762H Datasheet HTML 30Page - Monolithic Power Systems MP8762H Datasheet HTML 31Page - Monolithic Power Systems MP8762H Datasheet HTML 32Page - Monolithic Power Systems MP8762H Datasheet HTML 33Page - Monolithic Power Systems MP8762H Datasheet HTML 34Page - Monolithic Power Systems MP8762H Datasheet HTML 35Page - Monolithic Power Systems MP8762H Datasheet HTML 36Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
35
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
LAYOUT RECOMMENDATION
1. Place high current paths (GND, IN, and SW)
very close to the device with short, direct and
wide traces.
2. Put a decoupling capacitor as close to the
VCC and AGND pins as possible.
3. Keep the switching node (SW) plane as small
as possible and far away from the feedback
network.
4. Place the external feedback resistors next to
the FB pin. Make sure that there are no vias
on the FB trace. The feedback resistors
should refer to AGND instead of PGND.
5. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
6. Recommend strongly a four-layer layout to
improve thermal performance.
Figure 55—Schematic for PCB Layout Guide
B ST
VC C
PG
AG N D
SS
FB
FR EQ
EN
C 1D
Top Layer
Inner1 Layer
Inner2 Layer
Bottom Layer
Figure 56—PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com