Electronic Components Datasheet Search
  English  ▼

X  

MP8762H Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8762H Datasheet HTML 1Page - Monolithic Power Systems MP8762H Datasheet HTML 2Page - Monolithic Power Systems MP8762H Datasheet HTML 3Page - Monolithic Power Systems MP8762H Datasheet HTML 4Page - Monolithic Power Systems MP8762H Datasheet HTML 5Page - Monolithic Power Systems MP8762H Datasheet HTML 6Page - Monolithic Power Systems MP8762H Datasheet HTML 7Page - Monolithic Power Systems MP8762H Datasheet HTML 8Page - Monolithic Power Systems MP8762H Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
5
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = +25°°°°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VCC Regulator
VCC Under Voltage Lockout
Threshold Rising
VCCVth
3.8
V
VCC Under Voltage Lockout
Threshold Hysteresis
VCCHYS
500
mV
VCC Regulator
VCC
4.8
V
VCC Load Regulation
Icc=5mA
0.5
%
Power Good
Power Good Rising Threshold
PGVth-Hi
87%
91%
94%
VFB
Power Good Falling Threshold
PGVth-Lo
80%
VFB
Power Good Lower to High Delay
PGTd
2.5
ms
Power Good Sink Current
Capability
VPG
Sink 4mA
0.4
V
Power Good Leakage Current
IPG_LEAK
VPG = 3.3V
10
100
nA
Thermal Protection
(6)
Thermal Shutdown
TSD
150
°C
Thermal Shutdown Hysteresis
25
°C
Note:
6) Guaranteed by design.
7) Not production test, guaranteed by characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com