Electronic Components Datasheet Search
  English  ▼

X  

AP1091 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP1091
Description  2.4~2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1091 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP1091 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1091
2.4~2.5 GHz Power Amplifier
2003.03.27
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
3of 7
(AP1091 Evaluation Kit, Vcc = 3.3V, f = 2.45GHz, RF Signal = With IEEE 802.11b Modulation or
IEEE 802.11g Modulation (54Mbps),TA = 25℃, unless otherwise noted.)
20.0
23.0
26.0
29.0
32.0
2.70
2.85
3.00
3.15
3.30
Power Gain vs. Supply Voltage
20.0
23.0
26.0
29.0
32.0
2400
2425
2450
2475
2500
Power Gain vs. Frequency
140
200
260
320
380
2.70
2.85
3.00
3.15
3.30
I
TOTAL vs. Supply Voltage
I
TOTAL vs. Frequency
140
200
260
320
380
2400
2425
2450
2475
2500
25.0dBm @ CW Mode
23.5dBm @ 11Mb/s, CCK Modulation
19.0dBm @ 54Mb/s, OFDM Modulation
Supply Voltage (V)
Supply Voltage (V)
Frequency (MHz)
Frequency (MHz)
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Data Charts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com