Electronic Components Datasheet Search
  English  ▼

X  

AP1091 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AP1091
Description  2.4~2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1091 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AP1091 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1091
2.4~2.5 GHz Power Amplifier
2003.03.27
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
4of 7
0
3
6
9
12
15
18
21
24
-18-16 -15-14 -13-12 -11-10 -9
-8
0
2
4
6
8
10
12
14
16
150
175
200
225
250
12 13 14 15 16 17 18 19 20 21
0.0
0.2
0.4
0.6
0.8
-80
-70
-60
-50
-40
-30
-20
-10
0
17 18 19 20 21 22 23 24 25 26
0
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
P
OUT, PAE vs. PIN
(With 54Mb/s, OFDM Modulation)
I
TOTAL, Detector Output vs. Output Power
(With 54Mb/s, OFDM Modulation)
Input Power (dBm)
POUT
PAE
Output Power (dBm)
1st ACPR
2nd ACPR
ACPR vs. P
OUT
(With 11Mb/s, CCK Modulation)
EVM vs. Output Power
(With 54 Mb/s, OFDM Modulation)
Output Power (dBm)
Total EVM
Source EVM
Fig. 8
Fig. 7
Fig. 6
Fig. 5
Output Power (dBm)
I TOTAL
Detector Output
Data Charts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com