Electronic Components Datasheet Search
  English  ▼

X  

AP1091 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP1091
Description  2.4~2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1091 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AP1091 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP1091
2.4~2.5 GHz Power Amplifier
2003.03.27
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
6of 7
16.0
18.0
20.0
22.0
24.0
26.0
2.70
2.85
3.00
3.15
3.30
16.0
18.0
20.0
22.0
24.0
26.0
2400
2425
2450
2475
2500
5.0
8.0
11.0
14.0
17.0
20.0
2.70
2.85
3.00
3.15
3.30
10.0
13.0
16.0
19.0
22.0
25.0
2400
2425
2450
2475
2500
P
OUT vs. Supply Voltage
(With 11Mb/s CCK Modulation)
Supply Voltage (V)
Supply Voltage (V)
Frequency (MHz)
Frequency (MHz)
P
OUT vs. Frequency
(With 11Mb/s CCK Modulation)
P
OUT vs. Supply Voltage
(With 54 Mb/s OFDM Modulation)
P
OUT vs. Frequency
(With 54Mb/s OFDM Modulation)
PA EVM ~ 3%
ACPR 1st < -33dBm 2nd < -55dBm
ACPR 1st < -30dBm 2nd < -50dBm
Fig.13
Fig. 15
Fig. 14
Fig. 16
Data Charts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com