Electronic Components Datasheet Search
  English  ▼

X  

AP1091 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP1091
Description  2.4~2.5 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AP1091 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP1091 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 5Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 6Page - List of Unclassifed Manufacturers AP1091 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1091
2.4~2.5 GHz Power Amplifier
2003.03.27
For more information,please contact us at:
Sales Dept.
Tel: +886-2-2698-1022
e-mail: sales@rfintc.com
© 2003 RF Integrated Corporation. All rights reserved.
RF integrated Corp. reserved the right to make any changes to the specifications without notice.
1of 7
AP1091 is a linear, two stages power amplifier MMIC
with high output power in 2.4GHz band utilizing
InGaP/GaAs HBT process. With the excellent linearity
performance, the device delivers 26 dBm of linear
output power (at 5V power supply)compliant with the
IEEE802.11b standard, and 19 dBm output power,
under 54Mbps OFDM (IEEE802.11g) modulation, with
only 3% EVM. The PA also includes on-chip power
detector, providing a DC voltage proportional to the
output power of the device. It features a small signal
gain of 28 dB and P1dB of 26.5 dBm at 3.3V power
supply. AP1091 is housed in a 3 x 3 (mm),16 Pin QFN
leadless package.
Major Applications
• IEEE802.11b WLAN System
• IEEE802.11g (draft) WLAN System
• 2.4GHz ISM Radios
• 26/24 dBm Linear Output Power at 5/3.3 V
• Power Supply With 11Mb/s, CCK Modulation
• 19 dBm Linear Output Power With 54Mb/s,
OFDM Modulation (about 3% EVM)
• 28 dB Small Signal Gain
• Single 3.3 V Power Supply
• On-Chip Power Detector
Pin Details
The package ground provides circuit
ground as well as heat dissipation path for
the power amplifier.
Center Metal
Package
Base
NC
16
No contact
NC
15
VCC1
14
Supply voltage for first stage. Some
bypass capacitors are needed for system
application. The detail configuration can
be found in Application Notes.
VCC1
13
RF_OUT
12
RF_OUT
11
RF output. Require external matching. The
detail configuration can be found in
Application Notes
RF_OUT
10
NC
9
No contact
NC
8
DC and RF ground.
GND
7
VB2
6
Bias current control voltage for the
first/second stage. An external resistor
bridge is necessary for single voltage
supply application. The detail configuration
can be found in Application Notes.
VB1
5
Power detector output. Connect one 5.6k
Ω
resistor and one 1uF capacitor from pin4
to ground.
Dect_Out
4
Supply voltage for on-chip power detector.
Dect_V
3
DC and RF ground.
GND
2
RF input. With on chip input matching.
RF_IN
1
Description
Name
Pin Number
Functional Block Diagram
QFN- 16 pin, 3 x 3 (mm)
RF IN
GND
Dect_V
Dect_Out
RF OUT
RF OUT
RF OUT
NC
1
8
7
6
5
4
3
2
9
10
11
12
16
15
14
13
Bias
Input
Match
Detector


Similar Part No. - AP1091

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
More results

Similar Description - AP1091

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
2.4-2.5 GHz WLAN Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
Skyworks Solutions Inc.
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
2.4-2.5 GHz WLAN Power Amplifier
logo
Microsemi Corporation
LX5512E MICROSEMI-LX5512E_05 Datasheet
580Kb / 11P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com