Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5604
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 3Page - Analog Devices ADL5604 Datasheet HTML 4Page - Analog Devices ADL5604 Datasheet HTML 5Page - Analog Devices ADL5604 Datasheet HTML 6Page - Analog Devices ADL5604 Datasheet HTML 7Page - Analog Devices ADL5604 Datasheet HTML 8Page - Analog Devices ADL5604 Datasheet HTML 9Page - Analog Devices ADL5604 Datasheet HTML 10Page - Analog Devices ADL5604 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 7 of 23
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VSUP
6.5 V
Input Power (50 Ω Impedance)
+25 dBm
Internal Power Dissipation (Paddle Soldered)
3.9 W
θJA (Junction to Air)
32.1°C/W
θJC (Junction to Paddle)
6°C/W
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 60 sec)
240°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com