Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5604
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 8Page - Analog Devices ADL5604 Datasheet HTML 9Page - Analog Devices ADL5604 Datasheet HTML 10Page - Analog Devices ADL5604 Datasheet HTML 11Page - Analog Devices ADL5604 Datasheet HTML 12Page - Analog Devices ADL5604 Datasheet HTML 13Page - Analog Devices ADL5604 Datasheet HTML 14Page - Analog Devices ADL5604 Datasheet HTML 15Page - Analog Devices ADL5604 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADL5604
Data Sheet
Rev. C | Page 12 of 23
0
5
10
15
20
25
41.8
41.9
42.0
42.1
42.3
42.4
OIP3 (dBm)
Figure 22. OIP3 Distribution at 2140 MHz
0
5
10
15
20
25
30
28.3
28.4
28.5
28.6
28.7
28.8
28.9
P1dB (dBm)
Figure 23. P1dB Distribution at 2140 MHz
0
5
10
15
20
25
30
35
GAIN (dB)
Figure 24. Gain Distribution at 2140 MHz
0
5
10
15
20
25
30
35
40
45
50
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 2140 MHz
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
4
6
8
10
12
14
16
18
20
POUT (dBm)
SYSTEM
946MHz
Figure 26. ACPR vs. POUT, 3GPP 3.5 TM1-64 at 946 MHz
0
2
4
6
8
10
12
14
16
18
20
1966 MHz
SYSTEM
–80
–75
–70
–65
–60
–55
–50
–45
–40
POUT (dBm)
Figure 27. ACPR vs. POUT, 3GPP 3.5 TM1-64 at 1966 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com