Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5604
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 9Page - Analog Devices ADL5604 Datasheet HTML 10Page - Analog Devices ADL5604 Datasheet HTML 11Page - Analog Devices ADL5604 Datasheet HTML 12Page - Analog Devices ADL5604 Datasheet HTML 13Page - Analog Devices ADL5604 Datasheet HTML 14Page - Analog Devices ADL5604 Datasheet HTML 15Page - Analog Devices ADL5604 Datasheet HTML 16Page - Analog Devices ADL5604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 13 of 23
0
2
4
6
8
10
12
14
16
18
20
SYSTEM
–80
–75
–70
–65
–60
–55
–50
–45
–40
POUT (dBm)
2140MHz
Figure 28. ACPR vs. POUT, 3GPP 3.5 TM1-64 at 2140 MHz
0
10
9
8
7
6
5
4
3
2
1
–10
–5
0
5
10
15
20
25
POUT (dBm)
946MHz
Figure 29. EVM vs. POUT at 946 MHz
0
7
6
5
4
3
2
1
–10
–5
0
5
10
15
20
25
POUT (dBm)
1966MHz
Figure 30. EVM vs. POUT at1966 MHz
0
7
6
5
4
3
2
1
–10
–5
0
5
10
15
20
25
POUT (dBm)
2140MHz
Figure 31. EVM vs. POUT at 2140 MHz
100
150
200
250
300
350
400
450
500
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
5.25V
5V
4.75V
Figure 32. Supply Current vs. Supply Voltage and Temperature
at 2140 MHz
260
280
300
320
340
360
380
400
420
–6 –4 –2 0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
POUT (dBm)
+85°C
+25°C
–40°C
Figure 33. Supply Current vs. POUT and Temperature,
VCC = 5 V at 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com