Electronic Components Datasheet Search
  English  ▼

X  

ADL5604 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5604
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5604 Datasheet HTML 13Page - Analog Devices ADL5604 Datasheet HTML 14Page - Analog Devices ADL5604 Datasheet HTML 15Page - Analog Devices ADL5604 Datasheet HTML 16Page - Analog Devices ADL5604 Datasheet HTML 17Page - Analog Devices ADL5604 Datasheet HTML 18Page - Analog Devices ADL5604 Datasheet HTML 19Page - Analog Devices ADL5604 Datasheet HTML 20Page - Analog Devices ADL5604 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 17 of 23
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GND
GND
GND
GND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
C4
9pF
LOUT
3.6nH
C5
6pF
C2
100pF
L1
16nH
L2
2.4nH
C1
100pF
λ2
λ1
λ4
λ5
λ3
ADL5604
Figure 38. ADL5604 Match Parameters, 880 MHz
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GND
GND
GND
GND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
LOUT
3nH
C5
6.2pF
C2
100pF
L1
16nH
C1
100pF
λ2
λ4
λ5
λ3
ADL5604
C3
12 pF
Figure 39. ADL5604 Match Parameters, 943 MHz
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
GND
GND
GND
GND
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
RFIN
C5
2.2pF
C4
4.3pF
C2
22pF
L1
16nH
C1
22pF
λ1
λ4
λ3
ADL5604
C3
0
Ω
Figure 40. ADL5604 Match Parameters, 1960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com