Electronic Components Datasheet Search
  English  ▼

X  

HF900GPR Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # HF900GPR
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GPR Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button HF900GPR Datasheet HTML 17Page - Monolithic Power Systems HF900GPR Datasheet HTML 18Page - Monolithic Power Systems HF900GPR Datasheet HTML 19Page - Monolithic Power Systems HF900GPR Datasheet HTML 20Page - Monolithic Power Systems HF900GPR Datasheet HTML 21Page - Monolithic Power Systems HF900GPR Datasheet HTML 22Page - Monolithic Power Systems HF900GPR Datasheet HTML 23Page - Monolithic Power Systems HF900GPR Datasheet HTML 24Page - Monolithic Power Systems HF900GPR Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
21
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Table 3: Winding Order
Tape (T)
Winding
Margin Wall
PRI side
Terminal
Start—>End
Margin Wall
SEC side
Wire Size (φ)
Turns (T)
1
N1
0mm
1→NC
0mm
0.18mm*2
18
1
N2
0mm
2→1
0mm
0.18mm*1
125
1
N3
0mm
4→3
0mm
0.15mm*1
14
1
N4
0mm
5→6
0mm
0.4mm*1
14
3
3
N5
3mm
10→9
3mm
0.2mm*1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com