Electronic Components Datasheet Search
  English  ▼

X  

HF900GPR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # HF900GPR
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GPR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button HF900GPR Datasheet HTML 9Page - Monolithic Power Systems HF900GPR Datasheet HTML 10Page - Monolithic Power Systems HF900GPR Datasheet HTML 11Page - Monolithic Power Systems HF900GPR Datasheet HTML 12Page - Monolithic Power Systems HF900GPR Datasheet HTML 13Page - Monolithic Power Systems HF900GPR Datasheet HTML 14Page - Monolithic Power Systems HF900GPR Datasheet HTML 15Page - Monolithic Power Systems HF900GPR Datasheet HTML 16Page - Monolithic Power Systems HF900GPR Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
13
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The HF900 integrates a 900V MOSFET for a
reliable switch-mode power supply solution. It has
burst-mode operation to minimize the standby
power consumption at light load. Protection
features such as auto-recovery for overload
protection (OLP), short-circuit protection (SCP),
over-voltage
protection
(OVP),
and
thermal
shutdown for over-temperature protection (OTP)
contribute to a safer converter design with minimal
external components.
PWM Operation
The HF900 employs peak-current-mode control.
On the secondary side, the output voltage is
divided by a voltage divider network. This voltage is
fed back to the primary side as voltage on the FB
using an optocoupler and a shunt regulator. The
voltage at FB is compared to the VSense voltage,
which measures the MOSFET switching current.
The integrated MOSFET turns on at the beginning
of each clock cycle. The current in the transformer
magnetizing inductance increases until it reaches
the value set by the FB voltage, and then the
integrated MOSFET turns off.
Start-Up and VCC UVLO
Initially, the IC is driven by the internal current
source, which is drawn from the high-voltage
DRAIN. The IC starts switching, and the internal
high-voltage current source turns off as soon as
the voltage on VCC reaches VCCH. At this point,
the supply of the IC is taken over by the auxiliary
winding of the transformer. When VCC falls
below VCCL, the regulator stops switching, and
the internal high-voltage current source turns on
again (see Figure 2).
VCCH
Driver
Switching Pluses
Auxiliary Winding Takes Charge
VCCL
VCC
Figure 2: VCC Start-Up
The lower threshold of VCC UVLO decreases from
VCCL to VCCR when fault conditions such as SCP,
OLP, OVP, and OTP occur.
Soft Start
The HF900 implements an internal soft-start
circuit to reduce stress on the primary-side
MOSFET and the secondary diode and smoothly
establish the output voltage during start-up. The
internal soft-start circuit increases the primary
current
sense
threshold
gradually,
which
determines the MOSFET peak current during
start-up. The pulse width of the power switching
device is increased progressively to establish
correct operating conditions until the feedback
control loop takes charge (see Figure 3).
Figure 3: Soft Start
Switching Frequency
The switching frequency of the HF900 can be set
by FSET. The frequency can be set by a resistor
between
FSET
and
GND.
The
oscillator
frequency can be attained using Equation (1):
S
912
FSET
FST
1
f
R
200 10
112.5 10
V
−−
=
×+
×
×
Hz
(1)
VFST (1.23V) is the FSET pin reference voltage.
Over-Voltage Protection (OVP)
Monitoring the VCC voltage via a 20µs time
constant filter allows the HF900 to enter OVP
during an over-voltage condition, typically when
VCC goes above VOVP. The regulator will resume
operation once the fault disappears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com