Electronic Components Datasheet Search
  English  ▼

X  

HF900GPR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # HF900GPR
Description  900V Offline Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF900GPR Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button HF900GPR Datasheet HTML 2Page - Monolithic Power Systems HF900GPR Datasheet HTML 3Page - Monolithic Power Systems HF900GPR Datasheet HTML 4Page - Monolithic Power Systems HF900GPR Datasheet HTML 5Page - Monolithic Power Systems HF900GPR Datasheet HTML 6Page - Monolithic Power Systems HF900GPR Datasheet HTML 7Page - Monolithic Power Systems HF900GPR Datasheet HTML 8Page - Monolithic Power Systems HF900GPR Datasheet HTML 9Page - Monolithic Power Systems HF900GPR Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HF900 – 900V OFFLINE SWITCHING REGULATOR
HF900 Rev. 1.0
www.MonolithicPower.com
6
8/4/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC =12V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested under
25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Sampling Management (SOURCE)
Leading edge blanking for
current sensor
TLEB1
350
ns
Leading edge blanking for
SCP
TLEB2
300
ns
Maximum current set point
VCS
0.90
0.97
1.04
V
Short-circuit protection set
point
VSC
1.32
1.42
1.62
V
Slope compensation ramp
SRamp
fS = 100kHz
40
mV/μs
Protection Management (PRO)
Protection voltage
VPRO
2.92
3.1
3.32
V
Protection hysteresis
VHY
0.2
V
Thermal Shutdown
Thermal
shutdown
threshold
(5)
150
°C
Thermal shutdown recovery
hysteresis
(5)
30
°C
Notes:
5) Guaranteed by Design & Characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com