Electronic Components Datasheet Search
  English  ▼

X  

LTC5510 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5510
Description  1MHz to 6GHz Wideband High Linearity Active Mixer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5510 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5510 Datasheet HTML 9Page - Linear Technology LTC5510 Datasheet HTML 10Page - Linear Technology LTC5510 Datasheet HTML 11Page - Linear Technology LTC5510 Datasheet HTML 12Page - Linear Technology LTC5510 Datasheet HTML 13Page - Linear Technology LTC5510 Datasheet HTML 14Page - Linear Technology LTC5510 Datasheet HTML 15Page - Linear Technology LTC5510 Datasheet HTML 16Page - Linear Technology LTC5510 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC5510
13
5510fa
For more information www.linear.com/LTC5510
Conversion Gain, IIP3 and NF
vs LO Power
Noise Figure
vs Input Blocker Level
Conversion Gain, IIP3 and NF
vs Supply Voltage
IM3 Level
vs Input Power (2-Tone)
Conversion Gain, IIP3, NF and
Input P1dB vs Case Temperature
Conversion Gain, IIP3 and NF
vs Input Frequency
Conversion Gain and IIP3
vs Output Frequency
LO Leakage vs LO Frequency
TYPICAL AC PERFORMANCE CHARACTERISTICS 5V VHF/UHF Downmixer Application:
VCC = 5V, TC = 25°C, fIN = 456MHz, PIN = –10dBm (–10dBm/tone for 2-tone tests, Δf = 2MHz), HSLO, PLO = 0dBm, output measured at
44MHz, unless otherwise noted. (Test Circuit Shown in Figure 2).
INPUT FREQUENCY (MHz)
0
25
20
15
800
600
400
200
1000
10
5
0
30
5510 G60
IIP3
NF
GC
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
OUTPUT FREQUENCY (MHz)
0
25
20
15
250
200
50
100
150
300
10
5
0
30
5510 G61
IIP3
GC
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
LO-IN
LO FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
1000
800
200
400
600
1200
–60
–70
–80
0
5510 G62
LO-OUT
LO INPUT POWER (dBm)
–12
25
20
15
3
0
–3
–6
–9
6
10
5
0
30
5510 G63
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
IIP3
NF
GC
SUPPLY VOLTAGE (V)
4.5
25
20
15
10
5.2
5.1
5.0
4.9
4.8
4.7
4.6
5.3
5
0
30
5510 G65
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
GC
IIP3
NF
INPUT POWER (dBm)
–15
–20
–40
–60
0
–5
–10
5
–80
–100
0
5510 G66
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
CASE TEMPERATURE (°C)
–45
25
20
15
10
75
45
15
–15
105
5
0
30
5510 G68
IP1dB
GC
IIP3
NF
BLOCKER POWER (dBm)
–20
24
22
20
0
–5
–10
–15
5
18
16
14
12
26
5510 G64
PLO = –6dBm
PLO = –3dBm
PLO = 0dBm
PLO = 3dBm
PLO = 6dBm
fIN = 900MHz
fBLOCK = 800MHz
fLO = 944MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com