Electronic Components Datasheet Search
  English  ▼

X  

LTC5510 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5510
Description  1MHz to 6GHz Wideband High Linearity Active Mixer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5510 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5510 Datasheet HTML 16Page - Linear Technology LTC5510 Datasheet HTML 17Page - Linear Technology LTC5510 Datasheet HTML 18Page - Linear Technology LTC5510 Datasheet HTML 19Page - Linear Technology LTC5510 Datasheet HTML 20Page - Linear Technology LTC5510 Datasheet HTML 21Page - Linear Technology LTC5510 Datasheet HTML 22Page - Linear Technology LTC5510 Datasheet HTML 23Page - Linear Technology LTC5510 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC5510
20
5510fa
For more information www.linear.com/LTC5510
APPLICATIONS INFORMATION
5510 F08
32mA
32mA
LTC5510
OUT+
11
OUT–
10
VCC
Figure 8. Output Interface
Figure 9. Output Port Equivalent Circuit
5510 F09
LTC5510
OUT+
11
OUT–
245
0.4pF
0.2pF
1.2nH
1.2nH
10
OUT Port Interface
The differential output interface is shown in Figure 8.
The OUT+ and OUT– pins are open collector outputs with
internal load resistors that provide a 245Ω differential
output resistance at low frequencies.
Figure 9 shows the equivalent circuit of the output and
Table4listsdifferentialimpedancesforvariousfrequencies.
The impedance values are listed in parallel equivalent form,
with equivalent capacitances also shown. For optimum
single-ended performance, the differential output signal
must be combined through an external transformer or a
discretebaluncircuit.Inapplicationswheredifferentialfilters
or amplifiers follow the mixer, it is possible to eliminate
the transformer and drive these components differentially.
Table 4. Differential OUT Port Impedance
FREQUENCY
(MHz)
IMPEDANCE (Ω)
REFL. COEFF.
REAL*
IMAG* (CAP)
MAG
ANG
1
245
–j240k (0.67pF)
0.66
0.0
10
244
–j40k (0.40pF)
0.66
–0.2
50
244
–j5.31k (0.60pF)
0.66
–1.1
100
245
–j2.66k (0.60pF)
0.66
–2.3
300
243
–j884 (0.60pF)
0.66
–6.8
500
240
–j529 (0.60pF)
0.66
–11
1000
224
–j260 (0.61pF)
0.65
–23
1500
201
–j169 (0.63pF)
0.63
–35
2000
171
–j122 (0.65pF)
0.60
–48
2500
138
–j93 (0.69pF)
0.57
–62
3000
104
–j73 (0.73pF)
0.53
–78
3500
73
–j59 (0.77pF)
0.48
–97
4000
47
–j51 (0.78pF)
0.43
–120
4500
29
–j59 (0.60pF)
0.39
–148
5000
22
j4.74K
0.38
180
6000
49
j51
0.44
117
* Parallel Equivalent
Output Matching: High Frequency Output Board
Thehighfrequency(HF)outputevaluationboard(DC1983A)
showninFigure3aisdesignedtousemultilayerchiphybrid
baluns at the output. This board is intended for frequen-
cies above about 800MHz (limited by balun availability).
These baluns deliver good performance and are smaller
than wire-wound baluns. The board is configured for the
matching topology shown in Figure 10. Inductors L1 and
L2 are used to tune out the parasitic output capacitance,
whilethetransformerprovidesdifferentialtosingle-ended
conversion and impedance transformation. The DC bias
to the mixer core can be applied through the matching
inductors. Each pin draws approximately 32mA of DC
supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com