Electronic Components Datasheet Search
  English  ▼

X  

LTC5510 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC5510
Description  1MHz to 6GHz Wideband High Linearity Active Mixer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5510 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC5510 Datasheet HTML 17Page - Linear Technology LTC5510 Datasheet HTML 18Page - Linear Technology LTC5510 Datasheet HTML 19Page - Linear Technology LTC5510 Datasheet HTML 20Page - Linear Technology LTC5510 Datasheet HTML 21Page - Linear Technology LTC5510 Datasheet HTML 22Page - Linear Technology LTC5510 Datasheet HTML 23Page - Linear Technology LTC5510 Datasheet HTML 24Page - Linear Technology LTC5510 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC5510
21
5510fa
For more information www.linear.com/LTC5510
Figure 10. HF Board Output Schematic
5510 F10
OUT+
OUT–
11
10
L1
L2
OUT
VCC
VCC
1
2
3
6
5
4
C8
NC
C9
APPLICATIONS INFORMATION
Figure 12. LF Board Output Schematic
Figure 11. Out Port Return Loss of HF Board (DC1983A).
Tuned for 1575MHz (a), and 2140MHz (b)
Table 6. OUT Port Component Values: LF Output Board (DC1984A)
FREQUENCY
(MHz)
RANGE*
(MHz)
L1, L2
(nH)
L4, L5
(nH)
T2
44
5 to 325
–
0Ω
Mini-Circuits
TC4-1W-7ALN+
456
10 to 1300
–
15
Mini-Circuits
TC4-19LN+
* 12dB Return Loss Bandwidth
Table 5. OUT Port Component Values: HF Output Board (DC1983A)
FREQUENCY
(MHz)
RANGE*
(GHz)
L1, L2
(nH)
C9
(pF)
T2
1575
1.2 to 2.1
6.8
6.8
Anaren
BD1222J50200AHF
2140
1.6 to 2.5
5.6
5.6
Mini-Circuits
NCS4-232+
* 12dB Return Loss Bandwidth
FREQUENCY (MHz)
1000
–24
–6
–12
–18
0
2500
3000
1500
2000
5510 F11
a
b
VCC
5510 F12
OUT+
OUT–
OUT
11
10
L1
L4
L5
L2
C8
LTC5510
T2
C10
C9
1
2
3
6
4
CapacitorC9canbeusedtoimprovetheimpedancematch.
The component values used for characterization are listed
in Table 5, along with the 12dB return loss bandwidths.
The measured return loss curves are plotted in Figure 11.
Output Matching: Low Frequency Output Board
Forloweroutputfrequencies,wire-woundtransformerspro-
videbetterperformance.Thelowfrequency(LF)evaluation
board(DC1984A)inFigure3(b)accommodatestheseappli-
cations.TheoutputmatchingtopologyisshowninFigure12.
Components L1, L2, L4 and L5 are used to tune the im-
pedance match, while T2 provides the desired impedance
transformation. C9 and C10 are used for DC blocking in
some applications. Table 6 lists component values used
for characterization, and the measured return loss perfor-
mance is plotted in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com