Electronic Components Datasheet Search
  English  ▼

X  

LTC5510 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5510
Description  1MHz to 6GHz Wideband High Linearity Active Mixer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5510 Datasheet(HTML) 2 Page - Linear Technology

  LTC5510 Datasheet HTML 1Page - Linear Technology LTC5510 Datasheet HTML 2Page - Linear Technology LTC5510 Datasheet HTML 3Page - Linear Technology LTC5510 Datasheet HTML 4Page - Linear Technology LTC5510 Datasheet HTML 5Page - Linear Technology LTC5510 Datasheet HTML 6Page - Linear Technology LTC5510 Datasheet HTML 7Page - Linear Technology LTC5510 Datasheet HTML 8Page - Linear Technology LTC5510 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC5510
2
5510fa
For more information www.linear.com/LTC5510
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC1, VCC2, OUT+, OUT–)................6.0V
Enable Voltage (EN) .........................–0.3V to VCC + 0.3V
Current Adjust Voltage (IADJ).................... –0.3V to 2.7V
LO Input Power (1MHz to 6GHz) ........................ +10dBm
LO Differential DC Voltage .......................................1.5V
LO+, LO– Input DC Voltage........................... –0.3V to 3V
IN+, IN– Input Power (1MHz to 6GHz) ................ +15dBm
IN+, IN– Input DC Voltage ......................... –0.3V to 2.4V
Temp Monitor Input Current (TEMP)......................10mA
Operating Temperature Range (TC)........ –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
TEMP
IN+
IN–
LGND
GND
OUT+
OUT–
GND
TJMAX = 150°C, θJC = 6°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5510IUF#PBF
LTC5510IUF#TRPBF
5510
16-Lead (4mm
× 4mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Frequency Range
Requires External Matching
l
1 to 6000
MHz
LO Input Frequency Range
l
1 to 6500
MHz
Output Frequency Range
Requires External Matching
l
1 to 6000
MHz
Input Return Loss
ZO = 50Ω, 30MHz to 3GHz
>11
dB
LO Input Return Loss
ZO = 50Ω, 1MHz to 5GHz
>10
dB
Output Impedance
Differential at 1500MHz
201Ω||0.6pF
R||C
LO Input Power
fLO = 1MHz to 5GHz
–6
0
6
dBm
5V Wideband Up/Downmixer Application: fIN = 30MHz to 3000MHz, fOUT = 1575MHz, VCC = 5V, R1 = 4.75kΩ
Conversion Gain
fIN = 190MHz, fLO = 1765MHz, Upmixer
fIN = 900MHz, fLO = 2475MHz, Upmixer
fIN = 2150MHz, fLO = 575MHz, Downmixer
fIN = 2600MHz, fLO = 1025MHz, Downmixer
0.5
1.5
1.4
1.1
1.2
dB
dB
dB
dB
Conversion Gain vs Temperature
TC = –40°C to 105°C, fIN = 900MHz
l
–0.007
dB/°C
AC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. EN = High, PLO = 0dBm. Test circuit shown in Figure 1. (Notes 2, 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com