Electronic Components Datasheet Search
  English  ▼

X  

LTC5596 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5596
Description  100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5596 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5596 Datasheet HTML 9Page - Linear Technology LTC5596 Datasheet HTML 10Page - Linear Technology LTC5596 Datasheet HTML 11Page - Linear Technology LTC5596 Datasheet HTML 12Page - Linear Technology LTC5596 Datasheet HTML 13Page - Linear Technology LTC5596 Datasheet HTML 14Page - Linear Technology LTC5596 Datasheet HTML 15Page - Linear Technology LTC5596 Datasheet HTML 16Page - Linear Technology LTC5596 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC5596
13
5596f
For more information www.linear.com/LTC5596
5596 G44
0.01
0.1
1
10
100
–25
–30
–35
–40
–45
RF FREQUENCY (GHz)
Logarithmic Intercept vs
Frequency
Typical perForMance characTerisTics
Power Measurement Error vs Frequency,
Relative to Response at 5.8GHz
Output Voltage vs RF Input Power
Output Voltage vs Output Current
(Positive=Sourcing, Negative=Sinking)
Detector Error vs Output Load Current
(Positive = Sourcing, Negative = Sinking)
Output Voltage vs Supply Voltage
5596 G45
0.1
1
10
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
RF FREQUENCY (GHz)
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
–35dBm
5596 G46
0.1
10
1
100
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
RF FREQUENCY (GHz)
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
–35dBm
5596 G47
–45 –40 –35 –30 –25 –20 –15 –10 –5 0
5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT POWER (dBm)
43.5GHz
40GHz
38GHz
35GHz
30GHz
28GHz
26GHz
24GHz
18GHz
15GHz
12GHz
10GHz
7.60GHz
5.80GHz
2.14GHz
500MHz
100MHz
50MHz
5596 G48
–40 –30 –20 –10
0
10
20
30
40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
OUTPUT CURRENT (mA)
5dBm
–5dBm
–15dBm
–25dBm
–35dBm
5596 G49
–40 –30 –20 –10
0
10
20
30
40
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
OUTPUT CURRENT (mA)
5dBm
–5dBm
–15dBm
–25dBm
–35dBm
5596 G50
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SUPPLY VOLTAGE (V)
5dBm
–5dBm
–15dBm
–25dBm
–35dBm
Output Voltage vs Frequency
VCC = 3.3V, EN = 3.3V, TC = 25°C, CW input, 50Ω
source at fRF = 2140MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com