Electronic Components Datasheet Search
  English  ▼

X  

LTC5596 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC5596
Description  100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5596 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC5596 Datasheet HTML 14Page - Linear Technology LTC5596 Datasheet HTML 15Page - Linear Technology LTC5596 Datasheet HTML 16Page - Linear Technology LTC5596 Datasheet HTML 17Page - Linear Technology LTC5596 Datasheet HTML 18Page - Linear Technology LTC5596 Datasheet HTML 19Page - Linear Technology LTC5596 Datasheet HTML 20Page - Linear Technology LTC5596 Datasheet HTML 21Page - Linear Technology LTC5596 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTC5596
21
5596f
For more information www.linear.com/LTC5596
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
package DescripTion
Please refer to http://www.linear.com/product/LTC5596#packaging for the most recent package drawings.
2.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
±0.10
0.50
±0.10
BOTTOM VIEW—EXPOSED PAD
0.20
±0.10
0.75
±0.05
R = 0.115
TYP
1.55
±0.10
(2 SIDES)
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC) DFN 0616 REV A
0.23
±0.05
0.50 BSC
0.25
±0.05
1.60
±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.25
±0.05
1.15
±0.05
0.70
±0.05
2.55
±0.05
PACKAGE OUTLINE
0.50 BSC
PIN 1 NOTCH
R = 0.15
DC Package
8-Lead Plastic DFN (2mm
× 2mm), Flip Chip
(Reference LTC DWG # 05-08-1957 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com