Electronic Components Datasheet Search
  English  ▼

X  

LTC5596 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC5596
Description  100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5596 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC5596 Datasheet HTML 14Page - Linear Technology LTC5596 Datasheet HTML 15Page - Linear Technology LTC5596 Datasheet HTML 16Page - Linear Technology LTC5596 Datasheet HTML 17Page - Linear Technology LTC5596 Datasheet HTML 18Page - Linear Technology LTC5596 Datasheet HTML 19Page - Linear Technology LTC5596 Datasheet HTML 20Page - Linear Technology LTC5596 Datasheet HTML 21Page - Linear Technology LTC5596 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC5596
22
5596f
For more information www.linear.com/LTC5596
LINEAR TECHNOLOGY CORPORATION 2016
LT 0916 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC5596
relaTeD parTs
Typical applicaTion
VCC
GND
GND
EN
OUT
GND
RFIN
FLTR
3.3V
5596 TA02
LTC5596
100nF
1
ENABLE
ADC
CFLTR
RFIN
PART NUMBER
DESCRIPTION
COMMENTS
RF Power Detectors
LTC5564
600MHz to 15GHz Ultra-Fast Response Schottky
Peak Detector with Fast Comparator
7ns Detector Response, 9ns Comparator Response, 75MHz Demodulation
Bandwidth Envelope Detection
LT5581
10MHz to 6GHz RMS Power Detector
40dB Dynamic Range ±1dB Linearity and Accuracy Over Temperature, Log
Linear Response, 1.4mA at 3.3V
LTC5587
10MHz to 6GHz RMS Power Detector with Digital
Output
40dB Dynamic Range ±1dB Linearity and Accuracy Over Temperature, On-Chip
12-Bit ADC, 3mA Supply Current
LTC5582
40MHz to 10GHz RMS Power Detector
57dB Dynamic Range at 2GHz, ±0.5dB Accuracy Over Temperature, Excellent
Linearity Error
LTC5583
Dual 40MHz to 6GHz RMS Power Detector with
Difference VSWR Output and Envelope Detector
Output
60dB Dynamic Range at 2GHz, ±0.5dB Accuracy Over Temperature, 40dB Ch-Ch
Isolation
Infrastructure
LTC5548
2GHz to 14GHz Microwave Mixer with Wideband
DC-6GHz IF
IIP3 = 24.4dBm, 8dB Conversion Loss, < 10dB NF, 3.3V, 120mA Supply
Operation
LTC5549
2GHz to 14GHz Microwave Mixer with Integrated
LO Frequency Doubler
28.2dBm IIP3, 8dB Conversion Loss, 0dBm LO Drive, Up- and
Down-Conversion
100MHz to 40GHz Power Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com