Electronic Components Datasheet Search
  English  ▼

X  

LTC5596 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5596
Description  100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5596 Datasheet(HTML) 2 Page - Linear Technology

  LTC5596 Datasheet HTML 1Page - Linear Technology LTC5596 Datasheet HTML 2Page - Linear Technology LTC5596 Datasheet HTML 3Page - Linear Technology LTC5596 Datasheet HTML 4Page - Linear Technology LTC5596 Datasheet HTML 5Page - Linear Technology LTC5596 Datasheet HTML 6Page - Linear Technology LTC5596 Datasheet HTML 7Page - Linear Technology LTC5596 Datasheet HTML 8Page - Linear Technology LTC5596 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC5596
2
5596f
For more information www.linear.com/LTC5596
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
TOP VIEW
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
4
1
2
3
6
5
7
8 EN
GND
RFIN
GND
VCC
OUT
FLTR
GND
9
TJMAX = 150°C, θJC = 25°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
elecTrical characTerisTics
PARAMETER
CONDITIONS
I-GRADE (NOTE 3)
H-GRADE (NOTE 4)
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
RF Input
Input Frequency Range
0.1 to 40
0.1 to 40
GHz
Input Impedance
52||50
52||50
Ω||fF
Detector Response (RFIN to OUT)
RF Input Power Range, TC = 25°C
±1dB LOG-Linearity Error (Note 5, 6)
fRF = 50MHz
–33.2 to 6.3
–33.2 to 6.3
dBm
fRF = 100MHz
–37.1 to 5.8
–37.1 to 5.8
dBm
fRF = 500MHz
–40.8 to 3.3
–40.8 to 3.3
dBm
fRF = 2.14GHz
–39.1 to 4.2
–39.1 to 4.2
dBm
fRF = 5.8GHz
–39.7 to 3.7
–39.7 to 3.7
dBm
fRF = 7.6GHz
–38.9 to 4.3
–38.9 to 4.3
dBm
fRF = 10GHz
–39.0 to 4.2
–39.0 to 4.2
dBm
fRF = 12GHz
–38.5 to 4.5
–38.5 to 4.5
dBm
fRF = 15GHz
–37.5 to 5.5
–37.5 to 5.5
dBm
fRF = 18GHz
–38.4 to 4.6
–38.4 to 4.6
dBm
fRF = 24GHz
–39.3 to 0.2
–39.3 to 0.2
dBm
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5596IDC#PBF
LTC5596IDC#TRPBF
LGNN
8-Lead 2mm × 2mm Plastic DFN
–40°C to 105°C
LTC5596HDC#PBF
LTC5596HDC#TRPBF
LGNN
8-Lead 2mm × 2mm Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC5596#orderinfo
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V. CW, 50Ω source at RFIN, fRF = 2140MHz, test
circuit is shown in Figure 1. (Note 2).
Supply Voltage (VCC) ...............................................3.8V
RFIN Input Signal Power - Average.......................15dBm
RFIN Input Signal Power - Peak (Note 2)..............20dBm
DC Voltage at RFIN ....................................... –0.3V to 1V
DC Voltage at FLTR ................................... –0.3V to 0.4V
DC Voltage at EN....................................... –0.3V to 3.8V
TJMAX.................................................................... 150°C
Case Operating Temperature Range (TC):
I-Grade (Note 3)................................. –40°C to 105°C
H-Grade (Note 4) ............................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com