Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5599 Datasheet HTML 9Page - Linear Technology LTC5599 Datasheet HTML 10Page - Linear Technology LTC5599 Datasheet HTML 11Page - Linear Technology LTC5599 Datasheet HTML 12Page - Linear Technology LTC5599 Datasheet HTML 13Page - Linear Technology LTC5599 Datasheet HTML 14Page - Linear Technology LTC5599 Datasheet HTML 15Page - Linear Technology LTC5599 Datasheet HTML 16Page - Linear Technology LTC5599 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LTC5599
13
5599f
For more information www.linear.com/LTC5599
Typical perForMance characTerisTics
LO Leakage vs LO Frequency
and Digital Gain Setting After
Calibration at DG = –4
Side-Band Suppression vs LO
Frequency and Digital Gain Setting
After Calibration at DG = –4
Worst-Case Side-Band Suppression Over
Five Parts vs LO Frequency After 25°C
Calibration for Gain TempComp Off
Worst-Case LO Leakage Over Five
Parts vs LO Frequency After 25°C
Calibration for Gain TempComp On
Temperature Sensing Diode
Voltage Cumulative Distribution
Worst-Case Side-Band Suppression Over
Five Parts vs LO Frequency After 25°C
Calibration for Gain TempComp On
Worst-Case LO Leakage Over Five
Parts vs LO Frequency After 25°C
Calibration for Gain TempComp Off
LO Leakage vs LO Frequency for
Gain TempComp On
Supply Current Cumulative
Distribution
VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, TC = 25°C,
PLO = 0dBm, fLO = 500MHz, BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz,
2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90° shifted, lower sideband selection, TEMPUPDT = 0, register 0x00 value according to Table 5, all
other registers set to default values, unless otherwise noted. Test circuit is shown in Figure 13.
LO FREQUENCY (MHz)
50
–40
–45
–50
–55
–60
–65
–70
1050 1250
450
250
850
5599 G64
650
2.7V, 25°C
3.3V, 25°C
3.6V, 25°C
3.3V, 85°C
3.3V, 105°C
3.3V, –10°C
3.3V, –40°C
DIODE VOLTAGE FOR 100µA (V)
0.6
100
80
60
40
20
0
0.85
0.9
0.7
0.65
0.8
5599 G71
0.75
105°C
–40°C
25°C
SUPPLY CURRENT (mA)
24
100
80
60
40
20
0
30
32
34
26
5599 G72
28
105°C
–40°C
25°C
LO FREQUENCY (MHz)
50
–40
–50
–60
–70
–80
1050 1250
450
250
850
5599 G65
650
TEMPUPDT = 1
WORST-CASE: 3.3V, 105°C
BEST-CASE: 3.3V, 25°C
3.3V, 25°C; 3.3V, 85°C; 3.3V, 105°C;
3.3V, –10°C; 3.3V, –40°C; 2.7V, 25°C AND
3.6V, 25°C BETWEEN WORST-CASE AND
BEST-CASE
LO FREQUENCY (MHz)
50
–40
–50
–60
–70
–80
1050 1250
450
250
850
5599 G66
650
WORST-CASE: 3.3V, 105°C
BEST-CASE: 3.3V, 25°C
3.3V, 25°C; 3.3V, 85°C; 3.3V, 105°C;
3.3V, –10°C; 3.3V, –40°C; 2.7V, 25°C AND
3.6V, 25°C BETWEEN WORST-CASE AND
BEST-CASE
LO FREQUENCY (MHz)
50
–30
–40
–50
–60
–70
1050 1250
450
250
850
5599 G67
650
WORST-CASE: 3.3V, 105°C
BEST-CASE: 3.3V, 25°C
3.3V, 25°C; 3.3V, 85°C; 3.3V, 105°C;
3.3V, –10°C; 3.3V, –40°C; 2.7V, 25°C AND
3.6V, 25°C BETWEEN WORST-CASE AND
BEST-CASE
TEMPUPDT = 1
LO FREQUENCY (MHz)
50
–30
–40
–50
–60
–70
1050 1250
450
250
850
5599 G68
650
WORST-CASE: 3.3V, 105°C
BEST-CASE: 3.3V, 25°C
3.3V, 25°C; 3.3V, 85°C; 3.3V, 105°C;
3.3V, –10°C; 3.3V, –40°C; 2.7V, 25°C AND
3.6V, 25°C BETWEEN WORST-CASE AND
BEST-CASE
RF FREQUENCY (MHz)
50
–40
–50
–60
–70
–80
1050 1250
450
250
850
5599 G69
650
DG = 0
DG = –3
DG = –4
DG = –8
DG = –17
DG = –19
RF FREQUENCY (MHz)
50
–10
–20
–30
–40
–50
–60
–70
–80
1050 1250
450
250
850
5599 G70
650
DG = 0
DG = –4
DG = –19
DG = –3
DG = –12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com