Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC5599 Datasheet HTML 34Page - Linear Technology LTC5599 Datasheet HTML 35Page - Linear Technology LTC5599 Datasheet HTML 36Page - Linear Technology LTC5599 Datasheet HTML 37Page - Linear Technology LTC5599 Datasheet HTML 38Page - Linear Technology LTC5599 Datasheet HTML 39Page - Linear Technology LTC5599 Datasheet HTML 40Page - Linear Technology LTC5599 Datasheet HTML 41Page - Linear Technology LTC5599 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC5599
39
5599f
For more information www.linear.com/LTC5599
appenDix
Table 10. Serial Port Register Contents
ADDR
MSB
[6]
[5]
[4]
[3]
[2]
[1]
LSB
R/W
DEFAULT
0x00
IQPHSIGN
FREQ[6]
FREQ[5]
FREQ[4]
FREQ[3]
FREQ[2]
FREQ[1]
FREQ[0]
R/W
0x2E
0x01
TEMPUPDT
AGCTRL
QDISABLE
GAIN[4]
GAIN[3]
GAIN[2]
GAIN[1]
GAIN[0]
R/W
0x84
0x02
OFFSETI[7] OFFSETI[6] OFFSETI[5] OFFSETI[4] OFFSETI[3] OFFSETI[2] OFFSETI[1] OFFSETI[0]
R/W
0x80
0x03
OFFSETQ[7] OFFSETQ[6] OFFSETQ[5] OFFSETQ[4] OFFSETQ[3] OFFSETQ[2] OFFSETQ[1] OFFSETQ[0]
R/W
0x80
0x04
IQGR[7]
IQGR[6]
IQGR[5]
IQGR[4]
IQGR[3]
IQGR[2]
IQGR[1]
IQGR[0]
R/W
0x80
0x05
IQPHE[2]
IQPHE[1]
IQPHE[0]
IQPHF[4]
IQPHF[3]
IQPHF[2]
IQPHF[1]
IQPHF[0]
R/W
0x10
0x06
*
*
*
CLOEN
CLOO[3]
CLOO[2]
CLOO[1]
CLOO[0]
R/W
0x50
0x07
0†
0†
0†
0†
GAINF[3]
GAINF[2]
GAINF[1]
GAINF[0]
R/W
0x06
0x08
0†
0†
0†
0†
SRESET
TEMPCORR THERMINP
*
R/W
0x00
0x09
0†
0†
0†
0†
0†
0†
0†
0†
R
0x00
0x0A
CHIPID[7]
CHIPID[6]
CHIPID[5]
CHIPID[4]
CHIPID[3]
CHIPID[2]
CHIPID[1]
CHIPID[0]
R
0x01
0x0B
0†
0†
0†
0†
FUSE[3]
FUSE[2]
FUSE[1]
FUSE[0]
R
0x0X
0x0C
0†
0†
CPPP0[5]
CPPP0[4]
CPPP0[3]
CPPP0[2]
CPPP0[1]
CPPP0[0]
R
0xXX
0x0D
0†
CPPP1[6]
CPPP1[5]
CPPP1[4]
CPPP1[3]
CPPP1[2]
CPPP1[1]
CPPP1[0]
R
0x0X
0x0E
0†
0†
CPPM0[5]
CPPM0[4]
CPPM0[3]
CPPM0[2]
CPPM0[1]
CPPM0[0]
R
0xXX
0x0F
0†
CPPM1[6]
CPPM1[5]
CPPM1[4]
CPPM1[3]
CPPM1[2]
CPPM1[1]
CPPM1[0]
R
0x0X
0x10
0†
GPI0[6]
GPI0[5]
GPI0[4]
GPI0[3]
GPI0[2]
GPI0[1]
GPI0[0]
R
0x08
0x11
GPI1[7]
GPI1[6]
GPI1[5]
GPI1[4]
GPI1[3]
GPI1[2]
GPI1[1]
GPI1[0]
R
0xFF
0x12
0†
GPI2[6]
GPI2[5]
GPI2[4]
GPI2[3]
GPI2[2]
GPI2[1]
GPI2[0]
R
0x01
0x13
0†
GMI0[6]
GMI0[5]
GMI0[4]
GMI0[3]
GMI0[2]
GMI0[1]
GMI0[0]
R
0x08
0x14
GMI1[7]
GMI1[6]
GMI1[5]
GMI1[4]
GMI1[3]
GMI1[2]
GMI1[1]
GMI1[0]
R
0xFF
0x15
0†
GMI2[6]
GMI2[5]
GMI2[4]
GMI2[3]
GMI2[2]
GMI2[1]
GMI2[0]
R
0x01
0x16
0†
GPQ0[6]
GPQ0[5]
GPQ0[4]
GPQ0[3]
GPQ0[2]
GPQ0[1]
GPQ0[0]
R
0x08
0x17
GPQ1[7]
GPQ1[6]
GPQ1[5]
GPQ1[4]
GPQ1[3]
GPQ1[2]
GPQ1[1]
GPQ1[0]
R
0xFF
0x18
0†
GPQ2[6]
GPQ2[5]
GPQ2[4]
GPQ2[3]
GPQ2[2]
GPQ2[1]
GPQ2[0]
R
0x01
0x19
0†
GMQ0[6]
GMQ0[5]
GMQ0[4]
GMQ0[3]
GMQ0[2]
GMQ0[1]
GMQ0[0]
R
0x08
0x1A
GMQ1[7]
GMQ1[6]
GMQ1[5]
GMQ1[4]
GMQ1[3]
GMQ1[2]
GMQ1[1]
GMQ1[0]
R
0xFF
0x1B
0†
GMQ2[6]
GMQ2[5]
GMQ2[4]
GMQ2[3]
GMQ2[2]
GMQ2[1]
GMQ2[0]
R
0x01
0x1C
0†
0†
0†
0†
0†
0†
0†
0†
R
0x00
0x1D
0†
0†
0†
0†
CLO[3]
CLO[2]
CLO[1]
CLO[0]
R
0x00
0x1E
0†
0†
0†
GOR
IDT[3]
IDT[2]
IDT[1]
IDT[0]
R
0x04
0x1F
0†
0†
0†
0†
TEMP[3]
TEMP[2]
TEMP[1]
TEMP[0]
R
0x0Y
*unused †read-only; values written are disregarded, X = production dependent, Y = resets to 7 after EN from Low to High with TEMPUPDT = 1, for EN =
Low all read-only (R) registers default to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com