Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 2 Page - Linear Technology

  LTC5599 Datasheet HTML 1Page - Linear Technology LTC5599 Datasheet HTML 2Page - Linear Technology LTC5599 Datasheet HTML 3Page - Linear Technology LTC5599 Datasheet HTML 4Page - Linear Technology LTC5599 Datasheet HTML 5Page - Linear Technology LTC5599 Datasheet HTML 6Page - Linear Technology LTC5599 Datasheet HTML 7Page - Linear Technology LTC5599 Datasheet HTML 8Page - Linear Technology LTC5599 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LTC5599
2
5599f
For more information www.linear.com/LTC5599
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
25
2
1
13
14
15
16
17
18
VCTRL
GND
LOL
LOC
GND
TTCK
GNDRF
GNDRF
RF
GNDRF
GNDRF
GNDRF
GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 4.5°C/W (AT EXPOSED PAD)
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
Supply Voltage.........................................................3.8V
Common Mode Level of BBPI, BBMI,
and BBPQ, BBMQ........................................................2V
LOL, LOC DC Voltage ............................................. ±0.1V
LOL, LOC Input Power (Note 15)..........................20dBm
Current Sink of TEMP, SDO....................................10mA
Voltage on Any Pin (Note 16)...........–0.3V to VCC + 0.3V
TJMAX.................................................................... 150°C
Case Operating Temperature Range........–40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
CASE TEMPERATURE RANGE
LTC5599IUF#PBF
LTC5599IUF#TRPBF
5599
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Please refer to: http://www.linear.com/designtools/packaging/ for the most recent package drawings.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, PLO = 0dBm, BBPI, BBMI, BBPQ,
BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz, 2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90°
shifted, lower sideband selection, all registers set to default values, unless otherwise noted. Test circuit is shown in Figure 13.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fLO = 150MHz, fRF1 = 147.9MHz, fRF2 = 148MHz, Register 0x00 = 0x62
S22(ON)
RF Port Return Loss
–26
dB
fLO(MATCH) LO Match Frequency Range
S11 < –10dB
116 to 272
MHz
Gain
Conversion Voltage Gain
20 • Log (VRF(OUT)(50Ω)/VIN(DIFF)(I or Q))
–7.5
dB
POUT
Absolute Output Power
1VP-P(DIFF) CW Signal, I and Q
–3.5
dBm
OP1dB
Output 1dB Compression
5
dBm
OIP2
Output 2nd Order Intercept
(Note 5)
70.5
dBm
OIP3
Output 3rd Order Intercept
(Note 6)
21.7
dBm
NFloor
RF Output Noise Floor
No Baseband AC Input Signal (Note 3)
–155.3
dBm/Hz
SB
Side-Band Suppression
(Note 7)
–61.4
dBc
LOFT
Carrier Leakage (LO Feedthrough) (Note 7)
EN = Low (Note 7)
–52.8
–84.8
dBm
dBm
2LOFT
LO Feedthrough at 2xLO
–59
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com