Electronic Components Datasheet Search
  English  ▼

X  

LTC5599 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC5599 Datasheet HTML 16Page - Linear Technology LTC5599 Datasheet HTML 17Page - Linear Technology LTC5599 Datasheet HTML 18Page - Linear Technology LTC5599 Datasheet HTML 19Page - Linear Technology LTC5599 Datasheet HTML 20Page - Linear Technology LTC5599 Datasheet HTML 21Page - Linear Technology LTC5599 Datasheet HTML 22Page - Linear Technology LTC5599 Datasheet HTML 23Page - Linear Technology LTC5599 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
LTC5599
20
5599f
For more information www.linear.com/LTC5599
applicaTions inForMaTion
T
able 2. Differential Baseband (BB) Input Impedance vs
Frequency for EN = High and VCMBB = 1.4V
BB
FREQUENCY
(MHz)
INPUT IMPEDANCE (
W)
REFL
COEFFICIENT
REAL*
IMAG* (CAP)
MAG
ANGLE
LO FREQUENCY = 92MHz (REGISTER 0x00 = 0x79), DIGITAL GAIN = –4dB
1
1.90k
–7.17k (22.2pF)
0.900
–1.6
4
1.76k
–1.82k (21.9pF)
0.893
–6.3
10
1.25k
–751 (21.2pF)
0.854
–15
20
678
–429 (18.6pF)
0.755
–27
40
342
–308 (12.9pF)
0.585
–39
LO FREQUENCY = 150MHz (REGISTER 0x00 = 0x62), DIGITAL GAIN = –4dB
1
1.90k
–9.11k (17.5pF)
0.900
–1.3
4
1.82k
–2.30k (17.3pF)
0.896
–5.0
10
1.45k
–935 (17.0pF)
0.872
–12
20
887
–507 (15.7pF)
0.804
–23
40
441
–325 (12.2pF)
0.658
–36
100
226
–252 (6.3pF)
0.457
–51
LO FREQUENCY = 500MHz (REGISTER 0x00 = 0x2D), DIGITAL GAIN = –4dB
1
1.91k
–14.7k (10.6pF)
0.900
–0.8
4
1.89k
–3.74k (10.7pF)
0.899
–3.0
10
1.72k
–1.50k (10.7pF)
0.891
–7.7
20
1.35k
–769 (10.4pF)
0.864
–15
40
786
–426 (9.4pF)
0.785
–27
100
323
–251 (6.4pF)
0.583
–47
200
212
–190 (4.2pF)
0.478
–65
LO FREQUENCY = 500MHz (REGISTER 0x00 = 0x2D), DIGITAL GAIN = 0dB
1
1.56k
–15.0k (10.6pF)
0.879
–0.8
4
1.56k
–3.84k (10.4pF)
0.880
–3.0
10
1.48k
–1.52k (10.4pF)
0.874
–7.5
20
1.21k
–784 (10.2pF)
0.849
–15
40
753
–432 (9.2pF)
0.776
–27
100
323
–251 (6.3pF)
0.582
–47
200
213
–190 (4.2pF)
0.478
–65
LO FREQUENCY = 900MHz (REGISTER 0x00 = 0x12), DIGITAL GAIN = –4dB
1
1.91k
–17.0k (9.4pF)
0.901
–0.7
2
1.90k
–4.3k (9.3pF)
0.900
–2.7
10
1.77k
–1.72k (9.3pF)
0.893
–6.7
20
1.46k
–878 (9.1pF)
0.873
–13
40
915
–475 (8.4pF)
0.811
–24
100
371
–261 (6.1pF)
0.622
–45
200
233
–193 (4.1pF)
0.506
–62
T
able 2. Differential Baseband (BB) Input Impedance vs
Frequency for EN = High and VCMBB = 1.4V
BB
FREQUENCY
(MHz)
INPUT IMPEDANCE (
W)
REFL
COEFFICIENT
REAL*
IMAG* (CAP)
MAG
ANGLE
EN = Low (Chip Disabled, REGISTER 0X00 = 0x2E)
1
2.04k
–18.2k (8.8pF)
0.906
–0.6
2
2.02k
–4.59k (8.7pF)
0.906
–2.5
10
1.91k
–1.84k (8.7pF)
0.901
–6.3
20
1.59k
–935 (8.5pF)
0.893
–12
40
1.01k
–502 (7.9pF)
0.826
–23
100
402
–269 (5.9pF)
0.644
–43
200
246
–197 (4.0pF)
0.522
–60
*Parallel Equivalent
Thecircuitisoptimizedforacommonmodevoltageof1.4V
which can be internally or externally applied. In case of AC-
coupling to the baseband pins (1.4V internally generated
bias) make sure that the high pass filter corner is not
affecting the low frequency components of the baseband
signal. Even a small error for low baseband frequencies
can result in degraded EVM.
The baseband input offset voltage depends on the source
resistance. In case of AC-coupling the 1 sigma offset is
about 1.1mV, resulting in about –46.6dBm LO leakage.
For shorted baseband pins (0Ω source resistance), the
LO leakage improves to about –50.1dBm. In case of AC-
coupling the LO leakage can be reduced by connecting a
resistor in parallel with the baseband inputs, thus lower-
ing baseband input impedance and offset. Further, the
low combined baseband input leakage current of 1.3nA
in shutdown mode retains the voltage over the coupling
capacitors, which helps to settle faster when the part is
enabled again. It is recommended to drive the baseband
inputsdifferentiallytoimprovethelinearity.WhenaDACis
used as the signal source, a reconstruction filter should be
placedbetweentheDACoutputandtheLTC5599baseband
inputs to avoid aliasing.
Internal Gain Trim DACs
Four internal gain trim DACs (one for each baseband pin)
are configured as 11-bit each. The usable DAC input value
range is integer continuous from 64 to 2047 and 0 for
shutdown. The DACs are not intended for baseband signal
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com