Electronic Components Datasheet Search
  English  ▼

X  

LTP5901-IPR Datasheet(PDF) 6 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 6 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 2Page - Linear Technology LTP5901-IPR Datasheet HTML 3Page - Linear Technology LTP5901-IPR Datasheet HTML 4Page - Linear Technology LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
6
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency Band
l
2.4000
2.4835
GHz
Number of Channels
l
15
Channel Separation
l
5
MHz
Channel Center Frequency
Where k = 11 to 25, as Defined by IEEE.802.15.4
l
2405 + 5 • (k-11)
MHz
Raw Data Rate
l
250
kbps
Antenna Pin ESD Protection HBM Per JEDEC JESD22-A114F (Note 2)
±6000
V
Range
Indoor
Outdoor
Free Space
25°C, 50% RH, +2dBi Omni-Directional Antenna, Antenna 2m Above
Ground
100
300
1200
m
m
m
raDio speciFicaTions The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Sensitivity
Packet Error Rate (PER) = 1% (Note 5)
–93
dBm
Receiver Sensitivity
PER = 50%
–95
dBm
Saturation
Maximum Input Level the Receiver Will
Properly Receive Packets
0
dBm
Adjacent Channel Rejection
(High Side)
Desired Signal at –82dBm, Adjacent Modulated Channel 5MHz
Above the Desired Signal, PER = 1% (Note 5)
22
dBc
Adjacent Channel Rejection
(Low Side)
Desired Signal at –82dBm, Adjacent Modulated Channel 5MHz
Below the Desired Signal, PER = 1% (Note 5)
19
dBc
Alternate Channel Rejection
(High Side)
Desired Signal at –82dBm, Alternate Modulated Channel 10MHz
Above the Desired Signal, PER = 1% (Note 5)
40
dBc
Alternate Channel Rejection
(Low Side)
Desired Signal at –82dBm, Alternate Modulated Channel 10MHz
Below the Desired Signal, PER = 1% (Note 5)
36
dBc
Second Alternate Channel
Rejection
Desired Signal at –82dBm, Second Alternate Modulated Channel
Either 15MHz Above or Below, PER = 1% (Note 5)
42
dBc
Co-Channel Rejection
Desired Signal at –82dBm, Undesired Signal is an 802.15.4
Modulated Signal at the Same Frequency, PER = 1%
–6
dBc
LO Feed Through
–55
dBm
Frequency Error Tolerance
(Note 6)
±50
ppm
Symbol Error Tolerance
±50
ppm
Received Signal Strength
Indicator (RSSI) Input
Range
–90 to -10
dBm
RSSI Accuracy
±6
dB
RSSI Resolution
1
dB
raDio receiver characTerisTics The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com