Electronic Components Datasheet Search
  English  ▼

X  

LTP5901-IPR Datasheet(PDF) 9 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology LTP5901-IPR Datasheet HTML 12Page - Linear Technology LTP5901-IPR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
9
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Figure 1. API UART Timing
SYMBOL
PARAMETER
CONDITIONS (Note 7)
MIN
TYP
MAX
UNITS
tSTROBE
TIMEn Signal Strobe Width
l
125
µs
tRESPONSE
Delay from Rising Edge of TIMEn to the Start of
Time Packet on API UART
l
0
100
ms
tTIME_HOLD Delay from End of Time Packet on API UART to
Falling Edge of Subsequent TIMEn
l
0
ns
Timestamp Resolution (Note 9)
l
1
µs
Network-Wide Time Accuracy (Note 10)
l
±5
µs
Time ac characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)
Figure 2. Timestamp Timing
uarT ac characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)
59012IPR F01
UART_TX_RTSn
UART_TX_CTSn
UART_TX
BYTE 0
BYTE 1
tTX_RTS TO TX_CTS
tEND_TX_CTS TO TX_RTS
tTX_CTS TO TX
tTX TO TX_CTS
tEOP TO TX_RTS
tEND_TX_RTS TO TX_CTS
UART_RX_RTSn
UART_RX_CTSn
tRX_RTS TO RX_CTS
UART_RX
tEOP TO RX_RTS
tRX_INTERPACKET
tRX_RTS TO RX_CTS
tRX_CTS TO RX
tRX_INTERBYTE
BYTE 0
BYTE 1
tTX_INTERPACKET
59012IPR F02
TIMEn
UART_TX
tSTROBE
tTIME_HOLD
tRESPONSE
TIME INDICATION PAYLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com