Electronic Components Datasheet Search
  English  ▼

X  

LTP5901-IPR Datasheet(PDF) 27 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 27 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 23Page - Linear Technology LTP5901-IPR Datasheet HTML 24Page - Linear Technology LTP5901-IPR Datasheet HTML 25Page - Linear Technology LTP5901-IPR Datasheet HTML 26Page - Linear Technology LTP5901-IPR Datasheet HTML 27Page - Linear Technology LTP5901-IPR Datasheet HTML 28Page - Linear Technology LTP5901-IPR Datasheet HTML 29Page - Linear Technology LTP5901-IPR Datasheet HTML 30Page - Linear Technology LTP5901-IPR Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
27
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
network optimization not only maintains network health,
but also allows Eterna to deliver deterministic power
management. One of the key advantages of SmartMesh
networking solutions is the network manager is aware of
and tracking the success or failure of every packet trans-
action, so not only can the network be optimized, but the
solution can be rigorously tested to produce a system
solution with better than 99.999% reliability.
Deterministic Power Management
Deterministic power management balances traffic in the
network by diverting traffic around heavily loaded motes
(for example, motes with high reporting rates). In do-
ing so, it reduces power consumption for these motes
and balances power consumption across the network.
Deterministic power management provides predictable
maintenance schedules to prevent down time and lower
the cost of network ownership. When combined with field
devices using Eterna’s industry-leading low power radio
technology,deterministicpowermanagementenablesover
a decade of battery life for network motes.
Intelligent Routing
Intelligent routing provides each packet with an optimal
path through the network. The shortest distance between
two points is a straight line, but in RF the quickest path is
notalwaystheonewiththefewesthops.Intelligentrouting
finds optimal paths by considering the link quality (one
path may lose more packets than another) and the retry
schedule, in addition to the number of hops. The result
is reduced network power consumption, elimination of
in-network collisions, and unmatched network scalability
and reliability.
Configurable Bandwidth Allocation
SmartMesh networks provide configurations that enable
users to make bandwidth and latency versus power trade-
offs both network-wide and on a per device basis. This
flexibly enables solutions that tailored to the application
requirements, such as request/response, fast file trans-
fer, and alerting. Relevant configuration parameters are
described in the SmartMesh IP Users Guide. The design
trade-offs between network performance and current
consumption are supported via the SmartMesh Power
and Performance Estimator.
IP Manager Options
The IP Manager can operate with or without external
SRAM, as described in the LTP5901 and LTP5902 Inte-
gration Guide. When used without external SRAM, the IP
manager is limited to managing networks of 32 motes
or fewer and is limited to a maximum packet throughput
of 24 packets per second. With external SRAM, the IP
Manager supports managing networks of up to 100 motes
and the packet throughput of the IP Manager increases
from 24 packets per second to 36 packets per second.
State Diagram
In order to provide capabilities and flexibility in addition
to ultra low power, Eterna operates in various states, as
shown in Figure 12 Eterna State Diagram and described
in this section. State transitions shown in red are not
recommended.
Start-Up
Start-up occurs as a result of either crossing the power-on
reset threshold or asserting RESETn. After the comple-
tion of power-on reset or the falling edge of an internally
synchronized RESETn, Eterna loads its fuse table which,
as described in the previous section, includes setting
I/O direction. In this state, Eterna checks the state of
the FLASH_P_ENn and RESETn and enters the serial
flash emulation mode if both signals are asserted. If the
FLASH_P_ENn pin is not asserted but RESETn is asserted,
Eterna automatically reduces its energy consumption to
a minimum until RESETn is released. Once RESETn is
de-asserted, Eterna goes through a boot sequence, and
then enters the active state.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com