Electronic Components Datasheet Search
  English  ▼

X  

LTP5901-IPR Datasheet(PDF) 26 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 26 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 22Page - Linear Technology LTP5901-IPR Datasheet HTML 23Page - Linear Technology LTP5901-IPR Datasheet HTML 24Page - Linear Technology LTP5901-IPR Datasheet HTML 25Page - Linear Technology LTP5901-IPR Datasheet HTML 26Page - Linear Technology LTP5901-IPR Datasheet HTML 27Page - Linear Technology LTP5901-IPR Datasheet HTML 28Page - Linear Technology LTP5901-IPR Datasheet HTML 29Page - Linear Technology LTP5901-IPR Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
26
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
SOFTWARE INSTALLATION
Devices are supplied with the flash erased, requiring pro-
gramming as part of the OEMs manufacturing procedure.
The US Department of Commerce places restrictions on
export of systems and software supporting encryption.
All of Linear/Dust product software produced to date
contains encryption and is subject to export regulations
and may be provided only via MyLinear, https://www.
linear.com/mylinear. Customers purchasing SmartMesh
products will receive a certificate containing a registration
key and registration instructions with their order. After
registering with the key, customers will be able to
download SmartMesh software images from MyLinear.
Once registered, customers will receive automated e-mail
notifications as software updates are made avaialbe.
Linear Technology offers the DC9010, in circuit program-
mer for the Eterna based products. While the DC9010, is
provided as a finished product, the design documents are
provided as a reference for customers.
Once software has been loaded, devices can be configured
via either the CLI or API ports. Configuration commands
and settings are defined in SmartMesh IP Manager API
Guide and SmartMesh IP Manager CLI Guide.
FLASH DATA RETENTION
Eterna contains internal flash (non-volatile memory) to
store calibration results, unique ID, configuration settings
and software images. Flash retention is specified over the
operatingtemperaturerange.SeeElectricalCharacteristics
and Absolute Maximum Ratings sections.
Non destructive storage above the operating temperature
range of –40°C to 85°C is possible; although, this may
result in a degradation of retention characteristics.
The degradation in flash retention for temperatures >85°C
can be approximated by calculating the dimensionless
acceleration factor using the following equation.
AF
= e
Ea
k
 •
1
TUSE+273
−
1
TSTRESS+273
Where:
AF = acceleration factor
Ea = activation energy = 0.6eV
k = 8.625 • 10–5eV/°K
TUSE = is the specified temperature retention in °C
TSTRESS = actual storage temperature in °C
Example: Calculate the effect on retention when storing
at a temperature of 105°C.
TSTRESS = 105°C
TUSE = 85°C
AF = 2.8
So the overall retention of the flash would be degraded
by a factor of 2.8, reducing data retention from 20 years
at 85°C to 7.1 years at 105°C.
NETWORKING
The LTP5901-IPR/LTP5902-IPR network manager pro-
vides the ingress/egress point for at the wired to wireless
mesh network boundary, via the API UART interface. The
complexity of the mesh network management is handled
entirely within the embedded software, which provides
dynamic network optimization, deterministic power man-
agement, intelligent routing, and configurable bandwidth
allocation while achieving carrier class data reliability and
low power operation.
Dynamic Network Optimization
Dynamic network optimization allows Eterna to address
the changing RF requirements in harsh industrial en-
vironments resulting in a network that is continuously
self-monitoringandself-adjusting.Themanagerperforms
dynamicnetworkoptimizationbaseduponperiodicreports
on network health and link quality that it receives from
the network motes. The manager uses this information
to provide performance statistics to the application layer
and proactively solve problems in the network. Dynamic
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com