Electronic Components Datasheet Search
  English  ▼

X  

MP8048 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8048 Datasheet HTML 1Page - Monolithic Power Systems MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP8048 - 22V, 4A QUAD CHANNEL POWER HALF-BRIDGE
M8048 Rev. 1.1
www.MonolithicPower.com
5
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
33
VDR2A
Gate Drive Supply Bypass. The voltage at VDR2A is supplied from an internal
regulator from its respective VSP. VDR2A powers the internal circuitry and internal
MOSFET gate drive for its respective SW2A stage. Bypass VDR2A to PGND with a
0.1μF to 10μF capacitor.
34
VDR2B
Gate Drive Supply Bypass. The voltage at VDR2B is supplied from an internal
regulator from its respective VSP. VDR2B powers the internal circuitry and internal
MOSFET gate drive for its respective SW2A stage. Bypass VDR2B to PGND with a
0.1μF to 10μF capacitor.
36
VDR1A
Gate Drive Supply Bypass. The voltage at VDR1A is supplied from an internal
regulator from its respective VSP. VDR1A powers the internal circuitry and internal
MOSFET gate drive for its respective SW1 stage. Bypass VDR1A to PGND with a
0.1μF to 10μF capacitor.
37
VDR1B
Gate Drive Supply Bypass. The voltage at VDR1A is supplied from an internal
regulator from its respective VSP. VDR1B powers the internal circuitry and internal
MOSFET gate drive for its respective SW1 stage. Bypass VDR1A to PGND with a
0.1μF to 10μF capacitor.
38
BST1B
Bootstrap Supply. BST1B powers the high-side gate of the SW1B stage. Connect a
0.1μF or greater capacitor between BST1B and SW1B.
39,40
PGND1B
Power Ground of Channel 1B. Connect the exposed pad on bottom side to the ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com