Electronic Components Datasheet Search
  English  ▼

X  

MP8048 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems MP8048 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP8048 - 22V, 4A QUAD CHANNEL POWER HALF-BRIDGE
M8048 Rev. 1.1
www.MonolithicPower.com
8
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
OPERATION
The MP8048 is a quad channel power half-
bridge driver that can be configured as the
output of a Class D amplifier. The output is in
phase with the input and the dead time is
optimized
for
symmetrical
performance,
regardless of load conditions.
When the shutdown (SHDN) pin is low, all
channels will be off. When the standby (STBYB)
is pulled low, it causes the outputs of all
channels to go into high impedance. However,
when the voltage across the BST1A/1B/2A/2B
and SW1A/1B/2A/2B pins drops sufficiently low,
the bottom MOSFET will be turned on to refresh
the
external
bootstrap
capacitor.
For
a
bootstrap capacitor of 100nF, the refresh time is
approximately 300ns.
In order to prevent erratic operation, two under
voltage lockout (UVLO) circuits are used. One
of them is to ensure that the supply for the
bottom gate drive circuit is sufficiently high and
the other is for the top gate driver.
Fault Protection
To protect the power MOSFETs, an internal
current limit of 4A is set for all MOSFETs. When
this limit is reached, all MOSFETs will go into
high impedance for a fixed duration of
approximately 8us before resuming normal
operation.
However, in certain conditions, when the
current through the upper MOSFET exceeds 4A,
all MOSFETs will go into high impedance but
normal operation will only resume if the inductor
current has been reset to close to zero.
Thermal monitoring is also integrated into the
MP8048. If the die temperature rises above
150ºC, all switches are turned off. The
temperature must fall below 130ºC before
normal operation resumes.
To enhance the robustness of the device under
short circuit condition, a capacitor can be
connected to the FaultB pin, as shown in figure
1. The time constant of the RC is selected to be
greater than 50ms for the FaultB node to reach
1V. Under short circuit condition, the FaultB
node will be reset to zero and the part will be
place in standby mode until the voltage at the
STBYB pin is above 1V.
Figure 1 Fault Protection Enhancement
Circuit
Fault Output
The MP8048 includes an open drain, active low
fault indicator output (FAULTB). A fault will be
indicated if one of the following conditions is
detected: the current limit is tripped, or the
thermal shutdown is tripped.
A fault on any channel will cause the FAULTB
pin to be pulled low. A fault on either channel
will cause the outputs (SW1A, SW1B, SW2A,
SW2B) to go into high impedance. When the
fault goes away, the MP8048 will resume
normal operation.
Do not apply more than 6V to the FAULTB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com