Electronic Components Datasheet Search
  English  ▼

X  

MP8048 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8048 Datasheet HTML 1Page - Monolithic Power Systems MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP8048
22V, 4A Quad Channel Power Half-Bridge
M8048 Rev. 1.1
www.MonolithicPower.com
1
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8048 is a configurable dual channel full-
bridge or quad channel half-bridge that can be
configured as the output stage of a Class-D
audio amplifier. Each full-bridge can be driven
independently as stereo single ended audio
amplifiers or driven complementary in a bridge
tied load (BTL) audio amplifier configuration.
The MP8048 features a low current shutdown
mode, standby mode, input under voltage
protection, current limit, thermal shutdown and
fault flag signal output. All channels of drivers
interface with standard logic signals.
The MP8048 is available in a 40 lead QFN 6X6
package.
FEATURES
• 4A Peak Current Output
• Up to 600KHz Switching Frequency
• Protected Integrated Power 0.2Ω Switches
• 30ns Switch Dead Time
• All Switches Current Limited
• Internal Under Voltage Protection
• Internal Thermal Protection
• 3.4mA Operating Current
• Fault Output Flag
• Single Ended Output Power: 8W/Channel at 22V,
8Ω
• Bridge Tied Load Output Power: 30W/Channel
at 22V, 8Ω
APPLICATIONS
• Class D Audio Drivers
• Motor Drivers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
BST1A
BST2B
BST2A
BST1B
VDR1B
VDR2B
VDR1A
VDR2A
PWM2A
STBYB
MP8048
PWM2B
PWM1A
PGND1B
PGND1B
PGND2A
PWM1B
FAULTB
SHDNB
AGND
AGND
OUT1A
OUT1B
OUT2A
OUT2B
PWM1A
VDD
VDD
C1
1000uF
35V
C15
1000uF
35V
C2
1uF
C5
0.1uF
C6
0.1uF
C13
0.1uF
C9
0.1uF
C3
0.22uF
C7
0.22uF
C10
0.22uF
C14
0.22uF
C8
0.1uF
C4
0.47uF
C12
0.47uF
22uH
22uH
22uH
22uH
C16
1uF
C11
0.1uF
D1
L1
CN1
CN2
L2
L3
L4
D6
U1
D4
D8
PWM2A
STBY
PWM2B
PWM1B
FAULT
SHDN


Similar Part No. - MP8048

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8048DQK MPS-MP8048DQK Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
More results

Similar Description - MP8048

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
logo
IXYS Corporation
IX4R11 IXYS-IX4R11 Datasheet
616Kb / 6P
4A Half-Bridge Driver
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
45V 4A QUAD POWER HALF BRIDGE
Nov-2004
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Monolithic Power System...
MP8044 MPS-MP8044 Datasheet
396Kb / 9P
22V, 4A Dual Channel Power Half-Bridge
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
16V, 3.5A Quad Channel Power Half-Bridge
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com