Electronic Components Datasheet Search
  English  ▼

X  

MP8048 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8048
Description  22V, 4A Quad Channel Power Half-Bridge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8048 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8048 Datasheet HTML 2Page - Monolithic Power Systems MP8048 Datasheet HTML 3Page - Monolithic Power Systems MP8048 Datasheet HTML 4Page - Monolithic Power Systems MP8048 Datasheet HTML 5Page - Monolithic Power Systems MP8048 Datasheet HTML 6Page - Monolithic Power Systems MP8048 Datasheet HTML 7Page - Monolithic Power Systems MP8048 Datasheet HTML 8Page - Monolithic Power Systems MP8048 Datasheet HTML 9Page - Monolithic Power Systems MP8048 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP8048 - 22V, 4A QUAD CHANNEL POWER HALF-BRIDGE
M8048 Rev. 1.1
www.MonolithicPower.com
6
9/10/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VSP = 22V, VSHDNB = 5V, RLOAD = 8Ω, TA = +25ºC, unless otherwise noted.
VSW1A
10V/div.
VSW1A
5V/div.
VSW1A
5V/div.
VSW1A
10V/div.
VSW1A
10V/div.
VFAULTB
5V/div.
VFAULTB
5V/div.
VSW1A
10V/div.
VSW1A
10V/div.
VSW1B
10V/div.
1us/div.
Normal Switch Waveform
VPWM1A
2V/div.
VPWM1A
2V/div.
200ns/div.
Input/Output Waveform
Negative Pulse
200ns/div.
Input/Output Waveform
Positive Pulse
4ns/div.
Output Rise-Time
4ns/div.
Output Fall-Time
IL1A
5A/div.
IL1A
5A/div.
10us/div.
Short Circuit
Positive Current
10us/div.
Short Circuit
Negative Current
Frequency Response
(POUT=1W)
THD+N vs. Pout
(Input Signal Freq=1kHz)
-10
+4
-8
-6
-4
-2
0
+2
10 20
100
500 1k 2k
10k 40k
0.01
0.02
0.05
0.1
0.2
0.5
20
1
2
5
10
60m
200m
30
12
5 10
POUT (W)
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com