Electronic Components Datasheet Search
  English  ▼

X  

MPQ4487 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4487
Description  36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4487 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4487 Datasheet HTML 16Page - Monolithic Power Systems MPQ4487 Datasheet HTML 17Page - Monolithic Power Systems MPQ4487 Datasheet HTML 18Page - Monolithic Power Systems MPQ4487 Datasheet HTML 19Page - Monolithic Power Systems MPQ4487 Datasheet HTML 20Page - Monolithic Power Systems MPQ4487 Datasheet HTML 21Page - Monolithic Power Systems MPQ4487 Datasheet HTML 22Page - Monolithic Power Systems MPQ4487 Datasheet HTML 23Page - Monolithic Power Systems MPQ4487 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MPQ4487 – STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS, AEC-Q100
MPQ4487 Rev.1.0
www.MonolithicPower.com
21
10/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ESD Protection for I/O Pins
Higher ESD levels should be considered for all
USB I/O pins. The MPQ4487 features high ESD
protection up to ±8kV human body model on
USB1 and USB2, and ±6kV human body model
on CC1 through CC4. The ESD structures can
withstand high ESD both in normal operation
and when the device is powered off. To further
extend CC's ESD level for covering complicated
application
environments,
additional
ESD
diodes can be added on CC.
Figure 11: Recommended CC Pins ESD
Enhancing
PCB Layout Guidelines
(10)
Efficient PCB layout is critical for stable
operation and thermal dissipation. For best
results, refer to Figure 12 and follow the
guidelines below.
1. Use short, direct, and wide traces to
connect OUT.
2. Add vias under the IC.
3. Route the OUT trace on both PCB layers.
4. Place the buck output ceramic capacitor
C2A and C2B on the left side and C2C on
the right side.
5. Add a large copper plane for PGND.
6. Add multiple vias to improve thermal
dissipation.
7. Connect AGND to PGND.
8. Place a large copper plane for SW, USB,
and USB2.
9. Route the USB1 and USB2 traces on both
PCB layers.
10. Add multiple vias.
11. Place
two
ceramic
input
decoupling
capacitors as close to IN and PGND as
possible to improve EMI performance.
12. Place the symmetric CIN capacitors on each
side of the IC.
13. Place the BST capacitor close to BST and
SW.
14. Place the VCC decoupling capacitor as
close to VCC as possible.
NOTE:
10) The recommended layout is based on the Typical
Application Circuits in Figure 13 to Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com