Electronic Components Datasheet Search
  English  ▼

X  

MPQ4487 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ4487
Description  36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4487 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ4487 Datasheet HTML 8Page - Monolithic Power Systems MPQ4487 Datasheet HTML 9Page - Monolithic Power Systems MPQ4487 Datasheet HTML 10Page - Monolithic Power Systems MPQ4487 Datasheet HTML 11Page - Monolithic Power Systems MPQ4487 Datasheet HTML 12Page - Monolithic Power Systems MPQ4487 Datasheet HTML 13Page - Monolithic Power Systems MPQ4487 Datasheet HTML 14Page - Monolithic Power Systems MPQ4487 Datasheet HTML 15Page - Monolithic Power Systems MPQ4487 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MPQ4487 – STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS, AEC-Q100
MPQ4487 Rev.1.0
www.MonolithicPower.com
12
10/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Σ
Bootstrap
Regulator
HS
Driver
LS
Driver
VCC
Control
Logic
Oscillator
VCC
Regulator
Reference
Line Drop
Compensation
IN
VCC
OUT
AGND
BST
Current Sense
Amplifier
Current Limit
Comparator
PWM Comparator
OVP Comparator
Error Amplifier
SW
PGND
Curent
Sense
Curent
Sense
Charge Pump
Control
Logic
Thermal
Sense
UVLO
Discharge
Discharge
USB1
USB2
FREQ
Current
Limit
SS
CC1
CC2
CC3
CC4
Vconn from
Buck output
5V
Type-C
Control
OUT_SEL
EN2
Fault
FLT1
5ms
Deglitch
EN1
Fault
5ms
Deglitch
FLT2
EN
2MΩ
Rd1
Rd2
R1
R2
FB
Rd3
Rd4
USB2 Type-A
Mode Detect
USB1 Type-A
Mode Detect
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com