Electronic Components Datasheet Search
  English  ▼

X  

MPQ4487 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4487
Description  36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4487 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4487 Datasheet HTML 9Page - Monolithic Power Systems MPQ4487 Datasheet HTML 10Page - Monolithic Power Systems MPQ4487 Datasheet HTML 11Page - Monolithic Power Systems MPQ4487 Datasheet HTML 12Page - Monolithic Power Systems MPQ4487 Datasheet HTML 13Page - Monolithic Power Systems MPQ4487 Datasheet HTML 14Page - Monolithic Power Systems MPQ4487 Datasheet HTML 15Page - Monolithic Power Systems MPQ4487 Datasheet HTML 16Page - Monolithic Power Systems MPQ4487 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MPQ4487 – STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS, AEC-Q100
MPQ4487 Rev.1.0
www.MonolithicPower.com
13
10/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
BUCK CONVERTER SECTION
The
MPQ4487
integrates
a
monolithic,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs and
two USB current-limit switches with charging
port auto-detection. The MPQ4487 offers a
compact
solution
that
achieves
6A
of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The MPQ4487 operates in a fixed-frequency,
peak-current-mode control to regulate the
output voltage. The internal clock initiates the
pulse-width modulation (PWM) cycle, which
turns on the integrated high-side power
MOSFET (HS-FET). The HS-FET remains on
until its current reaches the value set by the
COMP voltage (VCOMP). When the power switch
is off, it remains off until the next clock cycle
begins. If the duty cycle reaches 95% (450kHz
switching frequency) in one PWM period, the
current in the power MOSFET does not reach
the COMP-set current value, and the power
MOSFET turns off.
Error Amplifier (EA)
The error amplifier (EA) compares the internal
feedback voltage against the internal reference
(REF) and outputs VCOMP. This VCOMP controls
the power MOSFET current. The optimized,
internal compensation network minimizes the
external component count and simplifies the
control loop design.
Internal VCC Regulator
The 4.6V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 4.6V, the output of the regulator is in
full regulation. If VIN is less than 4.6V, the output
decreases with VIN. VCC requires an external
1µF ceramic decoupling capacitor.
After the buck output starts up, the internal VCC
LDO output is biased by the buck output
through a Schottky diode.
Enable (EN) Control
The MPQ4487 has an enable control pin (EN).
Pull EN high to enable the IC. Pull EN low or
float EN to disable the IC. Once EN is pulled
high, the buck output is enabled regardless of
the status of EN1, EN2, or CC1 through CC4.
Connect EN through a pull-up resistor to VIN.
This requires limiting the amplitude of the EN
voltage source below 10V or limiting the EN
input current below 500μA if the EN pull-up
voltage is larger than 10V.
For example, if connecting EN to VIN = 36V,
then RPULLUP ≥ (36V - 10V) / 500μA = 52kΩ.
Figure 2: Zener Diode between EN and GND
Setting the Frequency
Connect a resistor from FREQ to ground to set
the switching frequency (see Table 1). The
value of the frequency can be calculated
approximately with Equation (1):

Ω
FREQ
1000000
FREQ(kHz)
42.5 R
(K ) 53.7
(1)
The frequency vs. RFREQ is shown in Figure 3.
200
700
1200
1700
2200
0
20
40
60
80 100 120
Figure 3: Switching Frequency vs. RFREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com