Electronic Components Datasheet Search
  English  ▼

X  

MPQ4487 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4487
Description  36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4487 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4487 Datasheet HTML 7Page - Monolithic Power Systems MPQ4487 Datasheet HTML 8Page - Monolithic Power Systems MPQ4487 Datasheet HTML 9Page - Monolithic Power Systems MPQ4487 Datasheet HTML 10Page - Monolithic Power Systems MPQ4487 Datasheet HTML 11Page - Monolithic Power Systems MPQ4487 Datasheet HTML 12Page - Monolithic Power Systems MPQ4487 Datasheet HTML 13Page - Monolithic Power Systems MPQ4487 Datasheet HTML 14Page - Monolithic Power Systems MPQ4487 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MPQ4487 – STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS, AEC-Q100
MPQ4487 Rev.1.0
www.MonolithicPower.com
11
10/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN 5x5
Pin #
Name
Description
1
CC1
Configuration channel. CC1 is used to detect connections and configure the interface
across the USB1 Type-C cables and connectors. Once a connection is established,
CC1 or CC2 is reassigned to provide power over the VCONN pin of the plug.
2
USB1
USB1 output.
3, 15, 25
OUT
Buck output. OUT is the power input for USB1 and USB2.
4, 14
IN
Supply voltage. IN is the drain of the internal power device and provides power to the
entire chip. The MPQ4487 operates from a 6V to 36V input voltage. A capacitor (CIN)
prevents large voltage spikes at the input. Place CIN as close to the IC as possible.
5, 13
PGND
Power ground. PGND is the reference ground of the regulated output voltage. PGND
requires careful consideration during the PCB layout. Connect PGND with copper
traces and vias.
6
AGND
Analog ground. Connect AGND to PGND.
7
VCC
Internal 4.6V LDO regulator output. Decouple VCC with a 1µF capacitor.
8, 9, 26
SW
Switch output. Use a wide PCB trace to make the connection.
10
BST
Bootstrap. A 0.22µF capacitor is connected between SW and BST to form a floating
supply across the high-side switch driver.
11
OUT_SEL
Buck output voltage set. By setting OUT_SEL to low, float, or high, three different
output voltages can be achieved: 5.1V, 5.17V, or 5.3V.
12
FREQ
Switching frequency program input. For the MPQ4487GU-AEC1, connect a resistor
from FREQ to GND to set the switching frequency. Float FREQ or connect FREQ to
VCC for the default 450kHz frequency. Connect FREQ to ground for a 250kHz internal
frequency.
For the MPQ4487GU-FD-AEC1, float FREQ or connect FREQ to VCC to achieve a
±10% frequency spread spectrum based on 450kHz. Connect a resistor from FREQ to
GND or pull FREQ to GND to set the switching frequency without a frequency spread
spectrum.
16
USB2
USB2 output.
17
CC4
Configuration channel. CC4 is used to detect connections and configure the interface
across the USB2 Type-C cables and connectors. Once a connection is established,
CC3 or CC4 is reassigned to provide power over the VCONN pin of the plug.
18
CC3
Configuration channel. CC3 is used to detect connections and configure the interface
across the USB2 Type-C cables and connectors. Once a connection is established,
CC3 or CC4 is reassigned to provide power over the VCONN pin of the plug.
19
FLT2
USB2 fault indication. FLT2 indicates over-current or over-temperature conditions.
FLT2 is an open drain in normal conditions. Pull FLT2 low during fault conditions.
20
EN2
USB2 on/off control input. By default, EN2 is pulled low by an internal 1MΩ resistor.
21
EN
On/off control of the entire chip. Pull EN down to ground internally with a 2MΩ
resistor.
22
EN1
USB1 on/off control input. By default, EN1 is pulled low by an internal 1MΩ resistor.
23
FLT1
USB1 fault indication. FLT1 indicates over-current or over-temperature conditions.
FLT1 is an open drain in normal conditions. Pull FLT1 low during fault conditions.
24
CC2
Configuration channel. CC2 is used to detect connections and configure the interface
across the USB1 Type-C cables and connectors. Once a connection is established,
CC1 or CC2 is reassigned to provide power over the VCONN pin of the plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com