Electronic Components Datasheet Search
  English  ▼

X  

MPQ6526 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ6526
Description  Hex Half-Bridge Motor Driver with Serial Input Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6526 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ6526 Datasheet HTML 1Page - Monolithic Power Systems MPQ6526 Datasheet HTML 2Page - Monolithic Power Systems MPQ6526 Datasheet HTML 3Page - Monolithic Power Systems MPQ6526 Datasheet HTML 4Page - Monolithic Power Systems MPQ6526 Datasheet HTML 5Page - Monolithic Power Systems MPQ6526 Datasheet HTML 6Page - Monolithic Power Systems MPQ6526 Datasheet HTML 7Page - Monolithic Power Systems MPQ6526 Datasheet HTML 8Page - Monolithic Power Systems MPQ6526 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MPQ6526 – HEX HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6526 Rev. 1.0
www.MonolithicPower.com
2
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
VS
OUT1
OUT2
OUT3
MPQ6526
M
M
OUT4
OUT5
M
M
OUT6
M
MCU
EN
DO
CLK
DI
CS
FAULT
PGND
VCC
VCC 5V
AGND
VS
Vbatt
Serial Load Configuration
MCU
VS
OUT1
OUT2
OUT3
PGND
EN
DO
CLK
DI
CS
VCC
VCC 5V
MPQ6526
M
VS
OUT4
OUT5
M
OUT6
M
FAULT
AGND
Vbatt
Parallel Load Configuration (Independent Motor Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com