Electronic Components Datasheet Search
  English  ▼

X  

MPQ6526 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ6526
Description  Hex Half-Bridge Motor Driver with Serial Input Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6526 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ6526 Datasheet HTML 3Page - Monolithic Power Systems MPQ6526 Datasheet HTML 4Page - Monolithic Power Systems MPQ6526 Datasheet HTML 5Page - Monolithic Power Systems MPQ6526 Datasheet HTML 6Page - Monolithic Power Systems MPQ6526 Datasheet HTML 7Page - Monolithic Power Systems MPQ6526 Datasheet HTML 8Page - Monolithic Power Systems MPQ6526 Datasheet HTML 9Page - Monolithic Power Systems MPQ6526 Datasheet HTML 10Page - Monolithic Power Systems MPQ6526 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MPQ6526 – HEX HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6526 Rev. 1.0
www.MonolithicPower.com
7
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
7V < VVS < 28V, VVCC = 5V, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Thermal Shutdown and Pre-Warning (7)
Thermal pre-warning threshold
120
145
170
°C
Thermal pre-warning hysteresis
15
°C
Thermal shutdown threshold
150
175
200
°C
Thermal shutdown hysteresis
15
°C
Ratio thermal shutdown/thermal
pre-warning
1.05
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com