Electronic Components Datasheet Search
  English  ▼

X  

MPQ6526 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ6526
Description  Hex Half-Bridge Motor Driver with Serial Input Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6526 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ6526 Datasheet HTML 1Page - Monolithic Power Systems MPQ6526 Datasheet HTML 2Page - Monolithic Power Systems MPQ6526 Datasheet HTML 3Page - Monolithic Power Systems MPQ6526 Datasheet HTML 4Page - Monolithic Power Systems MPQ6526 Datasheet HTML 5Page - Monolithic Power Systems MPQ6526 Datasheet HTML 6Page - Monolithic Power Systems MPQ6526 Datasheet HTML 7Page - Monolithic Power Systems MPQ6526 Datasheet HTML 8Page - Monolithic Power Systems MPQ6526 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPQ6526 – HEX HALF-BRIDGE MOTOR DRIVER WITH SERIAL INPUT CONTROL
MPQ6526 Rev. 1.0
www.MonolithicPower.com
4
2/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
QFN-24 (4mmx4mm)
QFN-24 (5mmx5mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VVS) ....................................40V
VOUTx ...................................... -0.3 to VVS + 0.3V
Logic supply voltage (VVCC)............-0.3 to +6.5V
Logic input voltage............... -0.3 to VVCC + 0.3V
Logic output voltage............. -0.3 to VVCC + 0.3V
Voltage at all other pins .................-0.3 to +6.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-24 (4mmx4mm) ....................................3W
QFN-24 (5mmx5mm) .................................3.5W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature.................. -60°C to 150°C
ESD Susceptibility
(3)
Human body mode (HBM) ...........................2kV
Machine mode (MM) ..................................200V
Charge device model (CDM)......................750V
Recommended Operating Conditions
(4)
Supply voltage (VVS) .......................... 7V to 28V
Logic supply voltage (VVCC)........ 4.75V to 5.25V
Operating junction temp. (TJ) ... -40°C to +150°C
Thermal Resistance
(5)
θJA
θJC
QFN-24 (4mmx4mm) ............ 42........ 9 .... °C/W
QFN-24 (5mmx5mm) ............ 36........ 8 .... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices
are
ESD-sensitive.
Handling
precaution
is
recommended.
4) The device is not guaranteed to function outside of its operating
conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com